Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 64 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 60Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 61Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 62Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 63Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 64Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 65Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 66Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 67Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 68Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
64
______________________________________________________________________________________
VFS is full-scale voltage. This is the input voltage that
produces full-scale ADC output; defined by the hard-
ware voltage transducer ratio VTR and ADC full-scale
input voltage VFSADC:
VFS = VFSADC x VTR
Default conditions are VFSADC = 1.024V. VTR is design
dependent.
IFS is full-scale current. This is the input current that
produces full-scale ADC output; defined by the hard-
ware current transducer ratio ITR and ADC full-scale
input voltage VFSADC:
IFS = VFSADC x ITR
Default conditions are VFSADC = 1.024V. ITR is design
dependent.
Meter units are defined with respect to the base para-
meters as shown in Table 5.
When reading virtual registers, the MAXQ3180 uses the
configurable conversion coefficients AMP_CC,
VOLT_CC, PWR_CC, and ENR_CC to return meaningful
data. Table 6 describes how to set the coefficients.
Table 6. Virtual Register Coefficients
VIRTUAL REGISTER
OUTPUT RESOLUTION
(1 LSB), DEFINED BY USER
COEFFICIENT
Power:
PWRP.X, PWRQ.X, PWRS.X, PWRPF.X,
PWRQF.X, PWRSF.X
PWR_LSB
PWR_CC = MU_PWR/PWR_LSB
Voltage:
V.X
VOLT_LSB
VOLT_CC = MU_VOLT/VOLT_LSB
Current:
I.X
AMP_LSB
AMP_CC = MU_AMP/AMP_LSB
Energy:
ENRP.X, ENRQ.X, ENRS.X, ENRPF.X,
ENRQF.X, ENRSF.X
ENR_LSB
ENR_CC = MU_ENR/ENR_LSB
REGISTER OR ACCUMULATOR
METER UNIT (1 LSB)
Current RMS: X.IRMS
Pulse output current RMS
THR1 or THR2, when pulse output configured to IRMS
MU_AMP = IFS/224
Voltage RMS: X.VRMS
Pulse output RMS voltage
THR1, or THR2 when pulse output configured to VRMS
MU_VOLT = VFS/224
Energy: X.ACT, X.REA, X.APP, X.EAPOS, X.EANEG, X.ERPOS,
X.ERNEG, X.ES
Fundamental Energy: X.ACTF, X.REAF, X.APPF, X.EAFPOS,
X.EAFNEG, X.ERFPOS, X.ERFNEG, X.ESF
Pulse Output Energy: THR1 or THR2
MU_ENR = VFS x IFS x tFR/216
Power: PWRP.X, PWRQ.X, PWRS.X
MU_PWR = VFS x IFS/232
When X.ESF Contains Amp-Hours: X.ESF
MU_AH = IFS x tFR/216
OCLVL, NOLOAD, I1THR, I2THR
IFS/216
OVLVL, UVLVL
VFS/216
Table 5. Meter Unit Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com