Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
36
______________________________________________________________________________________
Pulse Configuration—CFQ Output (PLSCFG2) (0x01F)
This register selects which phases are included in the CFQ pulse output and also selects which quantity is accumu-
lated to drive the pulse output.
BIT
NAME
FUNCTION
7:3
QNSEL
CFQ Pulse Output Source Select. This five-bit field determines what meter value is accumulated in
each of the phases to produce the CFQ pulse output. All other values are reserved.
00000 = Net real energy
00001 = Absolute real energy
00010 = Net reactive energy
00011 = Absolute reactive energy
00100 = Apparent energy
00110 = IRMS
00111 = VRMS
01000 = Real energy delivered to load
01001 = Real energy delivered to line
01010 = Reactive energy, quadrant I
01011 = Reactive energy, quadrant II
01100 = Reactive energy, quadrant III
01101 = Reactive energy, quadrant IV
2
PHASEC
CFQ Phase C Inclusion. When this bit is set, phase C is included in CFQ pulse generation.
1
PHASEB
CFQ Phase B Inclusion. When this bit is set, phase B is included in CFQ pulse generation.
0
PHASEA
CFQ Phase A Inclusion. When this bit is set, phase A is included in CFQ pulse generation.
Bit:
7
6
5
4
3
2
1
0
Name:
QNSEL
PHASEC
PHASEB
PHASEA
Reset:
0x0
0
0
0
CFP Pulse Width (PLS1_WD) (0x020)
This register designates the width of the CFP pulse, that is, the duration of the period that the CFP pulse is in the
active state. This value is given in ADC frame times (about 320μs). The default value of 0x9C (156 decimal) provides
a pulse width of about 50ms.
Bit:
15
14
13
12
11
10
9
8
Name:
CFP Pulse-Width High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
CFP Pulse-Width Low Byte
Reset:
0x9C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com