Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 51 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 51 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 48Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 49Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 50Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 51Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 52Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 53Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 54Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 55Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
51
Energy Units Conversion Coefficient (ENR_CC) (0x01A) (continued)
DESCRIPTION
RAW
VIRTUAL
Reactive energy, phase C, positive direction, fundamental only
C.ERFPOS
Reactive energy, phase C, reverse direction, fundamental only
C.ERFNEG
ENRQF.C*
Reactive energy, total, fundamental only
—
ENRQF.T
Apparent energy, phase A, fundamental only
A.ESF
ENRSF.A
Apparent energy, phase B, fundamental only
B.ESF
ENRSF.B
Apparent energy, phase C, fundamental only
C.ESF
ENRSF.C
Apparent energy, total, fundamental only
—
ENRSF.T
To avoid significant conversion loss, ENR_LSB should be chosen such that ENR_CC is > 1000. Calculate the value
of ENR_CC according to the following formula:
Virtual Registers
The virtual registers are calculated values derived from one or more real registers. They are calculated at the time
they are requested, and thus could involve additional time to return a value. Most virtual registers are 8 bytes in
length and are delivered least significant byte first.
Power
Real Power, Phase X = A/B/C/T (PWRP.X) (A: 0x801, B: 0x802, C: 0x804, T: 0x807)
This signed register contains the real instantaneous power delivered into phase A/B/C or total. Power is calculated
from the instantaneous energy measurement according to the following equation:
The register is 8 bytes long, but the most significant 2 bytes are not used. See the PWR_CC register description for
more details.
Note that the sign bit is bit 47 for all 8-byte signed virtual registers.
PWRP X
XACT
PWR CC
NS
.
._
=
×× 216
ENR CC
IV
t
ENR LSB
FS
FS
FR
_
_
=
××
×
216
*
These registers represent the algebraic sum of the positive and reverse energy in the two “raw” registers noted. Thus, the energy
accumulated in these virtual registers represents the net energy.
Byte 7 (MSByte unused)
Byte 6 (unused)
Byte 5
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0 (LSByte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com