Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 37Page - Analog Devices ADE7858ACPZ Datasheet HTML 38Page - Analog Devices ADE7858ACPZ Datasheet HTML 39Page - Analog Devices ADE7858ACPZ Datasheet HTML 40Page - Analog Devices ADE7858ACPZ Datasheet HTML 41Page - Analog Devices ADE7858ACPZ Datasheet HTML 42Page - Analog Devices ADE7858ACPZ Datasheet HTML 43Page - Analog Devices ADE7858ACPZ Datasheet HTML 44Page - Analog Devices ADE7858ACPZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 41 of 76
AVAROS
ACCUMULATOR
VARHR[47:0]
32 bit register
AVARHR[31:0]
Output from
Total Reactive Power
Algorithm
ZERO CROSSING
DETECTION
(PHASE B)
ZERO CROSSING
DETECTION
(PHASE C)
ZERO CROSSING
DETECTION
(PHASE A)
ZXSEL[1] in
LCYCMODE[7:0]
ZXSEL[0] in
LCYCMODE[7:0]
ZXSEL[2] in
LCYCMODE[7:0]
CALIBRATION
CONTROL
LINECYC[15:0]
AVARGAIN
Figure 46. ADE7858 Line Cycle Reactive Energy Accumulation Mode
Phase A, Phase B, and Phase C zero crossings are, respectively,
included when counting the number of half-line cycles by
setting bits 5, 4, 3 (ZXSEL) in the LCYCMODE[7:0] register.
Any combination of the zero crossings from all three phases can
be used for counting the zero crossing. Only one phase should
be selected at a time for inclusion in the zero crossings count
during calibration.
For details on setting LINECYC[15:0] register and the interrupt
LENERGY associated with the line cycle accumulation mode,
see Line Cycle Active Energy Accumulation Mode section.
APPARENT POWER CALCULATION
Apparent power is defined as the maximum power that can be
delivered to a load. One way to obtain the apparent power is by
multiplying the voltage rms value by the current rms value:
IRMS
VRMS
S
(36)
where S is the apparent power and VRMS and IRMS are the rms
voltage and current, respectively. It is also called the arithmetic
apparent power.
The ADE7858 computes the arithmetic apparent power on
each phase. Figure 47 illustrates the signal processing in each
phase for the calculation of the apparent power in the
ADE7858. As VRMS and IRMS contain all harmonic
information, the apparent power computed by the ADE7858 is
a total apparent power.
The ADE7858 stores the instantaneous phase apparent powers
into AVA[23:0], BVA[23:0] and CVA[23:0] registers. Their
expression is:
4
FS
FS
2
1
PMAX
I
I
U
U
xVA
(37)
where:
x=A, B, C
U, I are the rms values of the phase voltage and current.
UFS, IFS are the rms values of the phase voltage and current when
the ADC inputs are at full scale.
PMAX=33,516,139 is the instantaneous power computed when
the ADC inputs are at full scale and in phase.
The xVA[23:0], x=A, B, C waveform registers may be accessed
using various serial ports. Refer to Waveform Sampling Mode
chapter for more details.
The ADE7858 may compute the apparent power in an
alternative way by multiplying the phase rms current by an rms
voltage introduced externally. See Apparent Power Calculation
using VNOM section for details.
AIRMS
AVAGAIN
ACCUMULATOR
VATHR[47:0]
32 bit register
AVAHR[31:0]
Digital Signal Processor
AVRMS
Figure 47. Apparent Power data flow and Apparent Energy Accumulation
Apparent Power Gain Calibration
The average apparent power result in each phase can be scaled
by ±100% by writing to the phase’s VAGAIN 24-bit register
(AVAGAIN[23:0], BVAGAIN[23:0] or CVAG AIN[23:0]). The
VAGAIN registers are twos complement, signed registers and
have a resolution of 2-23/LSB. The function of the VA gain
registers is expressed mathematically as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com