Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 6Page - Analog Devices ADE7858ACPZ Datasheet HTML 7Page - Analog Devices ADE7858ACPZ Datasheet HTML 8Page - Analog Devices ADE7858ACPZ Datasheet HTML 9Page - Analog Devices ADE7858ACPZ Datasheet HTML 10Page - Analog Devices ADE7858ACPZ Datasheet HTML 11Page - Analog Devices ADE7858ACPZ Datasheet HTML 12Page - Analog Devices ADE7858ACPZ Datasheet HTML 13Page - Analog Devices ADE7858ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 10 of 76
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5. Absolute Maximum Ratings
Parameter
Rating
VDD to AGND
–0.3 V to +3.7 V
VDD to DGND
–0.3 V to +3.7 V
Analog Input Voltage to AGND,
IAP, IAN, IBP, IBN, ICP, ICN, VAP, VBP,
VCP, VN
–2 V to +2 V
Reference Input Voltage to AGND
–0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
–0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
–0.3 V to VDD + 0.3 V
Operating Temperature
Industrial Range
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
40-Lead LQFP, Power Dissipation
TBD mW
θJA Thermal Impedance
29.3°C/W
θJC Thermal Impedance
1.8°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com