Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 72 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 72 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 68Page - Analog Devices ADE7858ACPZ Datasheet HTML 69Page - Analog Devices ADE7858ACPZ Datasheet HTML 70Page - Analog Devices ADE7858ACPZ Datasheet HTML 71Page - Analog Devices ADE7858ACPZ Datasheet HTML 72Page - Analog Devices ADE7858ACPZ Datasheet HTML 73Page - Analog Devices ADE7858ACPZ Datasheet HTML 74Page - Analog Devices ADE7858ACPZ Datasheet HTML 75Page - Analog Devices ADE7858ACPZ Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 72 of 76
Bit Location
Bit Mnemonic
Default value
Description
-1: HSDC transmits the 32bit registers in 8bit packages, most significant bit first.
2
HGAP
0
-0: no gap is introduced between packages.
-1: a gap of 7 HCLK cycles is introduced between packages.
4,3
HXFER[1:0]
00
-00=HSDC transmits 16 32-bit words in the following order: IAWV, VAWV, IBWV, VBWV,
ICWV, VCWV, one 32-bit word equal to 0, AVA, BVA, CVA, AWATT, BWATT, CWATT, AVAR,
BVAR and CVAR
-01= HSDC transmits six instantaneous values of currents and voltages plus one 32-bit
word that is always equal to 0 in the following order: IAWV, VAWV, IBWV, VBWV, ICWV,
VCWV and one 32-bit word equal to 0.
-10= HSDC transmits 9 instantaneous values of phase powers: AVA, BVA, CVA, AWATT,
BWATT, CWATT, AVAR, BVAR and CVAR
-11=reserved. If set, the ADE7858 behaves as if HXFER[1:0]=00.
5
HSAPOL
0
-0: HSACTIVE output pin is active LOW.
-1: HSACTIVE output pin is active HIGH
7,6
Reserved
00
Reserved. These bits do not manage any functionality.
Table 44. CONFIG2 register (address 0xEC01)
Bit
Location
Bit
Mnemonic
Default
value
Description
0
EXTREFEN
0
When this bit is 0, signifies the internal voltage reference is used in the ADCs. When this bit is 1, an
external reference is connected to the pin 17 REF in/out
1
I2C_LOCK
0
When this bit is 0, the
SS /HSA pin can be toggled 3 times to activate the SPI port. If I2C is the active
serial port, this bit must be set to 1 to lock it in. From this moment on, spurious togglings of
the SS pin and an eventual switch into using SPI port is no longer possible. If SPI is the active serial
port, any write to CONFIG2[7:0] register locks the port. From this moment on, a switch into using I2C
port is no longer possible.
Once locked, the serial port choice is maintained when the ADE7858 changes PSMx, x=0,1,2,3
power modes.
7-2
Reserved
0
Reserved. These bits do not manage any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com