Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 54 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 50Page - Analog Devices ADE7858ACPZ Datasheet HTML 51Page - Analog Devices ADE7858ACPZ Datasheet HTML 52Page - Analog Devices ADE7858ACPZ Datasheet HTML 53Page - Analog Devices ADE7858ACPZ Datasheet HTML 54Page - Analog Devices ADE7858ACPZ Datasheet HTML 55Page - Analog Devices ADE7858ACPZ Datasheet HTML 56Page - Analog Devices ADE7858ACPZ Datasheet HTML 57Page - Analog Devices ADE7858ACPZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 54 of 76
HSDC Interface
The High Speed Data Capture (HSDC) interface is disabled
after default. It can be used only if the ADE7858 is configured
with I2C interface. The SPI interface cannot be used in
conjunction with HSDC. Bit 6 (HSDCEN) in CONFIG[15:0]
register activates HSDC when set to 1. If bit HSDCEN is cleared
to 0, the default value, the HSDC interface is disabled. Setting
bit HSDCEN to 1 when SPI is in usage does not have any effect.
HSDC is an interface that is used to send to an external device,
usually a microprocessor or a DSP, up to fifteen 32-bit words.
The words represent the instantaneous values of the phase
currents and voltages, active, reactive and apparent powers. The
registers being transmitted are: IAWV[23:0], VAWV[23:0],
IBWV[23:0], VBWV[23:0], ICWV[23:0], VCWV[23:0],
AVA[23:0], BVA[23:0], CVA[23:0], AWATT[23:0],
BWATT[23:0], CWATT[23:0], AVAR[23:0], BVAR[23:0] and
CVAR[23:0]. All are 24-bit registers that are sign extended to
32-bits (see Figure 18 for details). HSDC can be interfaced with
SPI or similar interfaces.
HSDC is always a master of the communication and consists in
3 pins: HSA, HSD and HSCLK. HSA represents the select
signal. It stays active low or high when a word is transmitted
and is usually connected to the select pin of the slave. HSD is
used to send data to the slave and is usually connected to the
data input pin of the slave. HSCLK is the serial clock line. It is
generated by the ADE7858 and is usually connected to the
serial clock input of the slave. Figure 65 presents the
connections between ADE7858 HSDC and slave devices
containing SPI interface.
The HSDC communication is managed by the
HSDC_CFG[7:0] register (see Table 19). It is recommended to
set HSDC_CFG register to the desired value before enabling the
port using bit 6 (HSDCEN) in CONFIG[15:0] register. In this
way, the state of various pins belonging to HSDC port do not
take levels inconsistent with the desired HSDC behaviour. After
a hardware reset or after power up, the pins MISO/HSD and
SS
/HSA are set high.
Bit 0 (HCLK) in HSDC_CFG[7:0] register determines the serial
clock frequency of the HSDC communication. When HCLK is
0, the default value, then the clock frequency is 8MHz. When
HCLK is 1, the clock frequency is 4MHz. A bit of data is
transmitted for every HSCLK high to low transition. The slave
device that receives data from HSDC samples HSD line on the
low to high transition of HSCLK.
ADE7858
HSD
HSCLK
HSA
SPI
device
MISO
SCK
SS
Figure 65. Connecting ADE7858 HSDC with an SPI
The words may be transmitted as 32-bit packages or as 8-bit
packages. When bit 1 (HSIZE) in HSDC_CFG[7:0] register is 0,
the default value, the words are transmitted as 32-bit packages.
When bit HSIZE is 1, the registers are transmitted as 8-bit
packages. HSDC interface transmits the words with MSB first.
Bit 2 (HGAP) introduces a gap of 7 HSCLK cycles between
packages when is set to 1. When bit HGAP is cleared to 0, the
default value, no gap is introduced between packages and the
communication time is shortest. In this case, HSIZE does not
have any influence on the communication and a bit is put on
HSD line every HSCLK high to low transition.
Bits 4,3 (HXFER[1:0]) decide how many words are transmitted.
When HXFER[1:0] is 00, the default value, then all fifteen
words are transmitted. When HXFER[1:0] is 01, then only the
words representing the instantaneous values of phase currents
and phase voltages are transmitted in the following order:
IAWV, VAWV, IBWV, VBWV, ICWV, VCWV and one 32-bit
word that is always equal to 0. When HXFER[1:0] is 10, then
only the instantaneous values of phase powers are transmitted
in the following order: AVA, BVA, CVA, AWATT, BWATT,
CWATT, AVAR, BVAR and CVAR. The value 11 for
HXFER[1:0] is reserved and writing it is equivalent to writing
00, the default value.
Table 19. HSDC_CFG register
Bit Location
Bit Mnemonic
Default Value
Description
0
HCLK
0
-0: HSCLK is 8MHz
-1: HSCLK is 4MHz
1
HSIZE
0
-0: HSDC transmits the 32bit registers in 32bit packages, most significant bit first.
-1: HSDC transmits the 32bit registers in 8bit packages, most significant bit first.
2
HGAP
0
-0: no gap is introduced between packages.
-1: a gap of 7 HCLK cycles is introduced between packages.
4,3
HXFER[1:0]
00
-00=HSDC transmits 16 32-bit words in the following order: IAWV, VAWV, IBWV, VBWV,
ICWV, VCWV, one 32-bit word always equal to 0 , AVA, BVA, CVA, AWATT, BWATT, CWATT,
AVAR, BVAR and CVAR
-01= HSDC transmits six instantaneous values of currents and voltages plus one 32-bit
word that is always equal to 0 in the following order: IAWV, VAWV, IBWV, VBWV, ICWV,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com