Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 24Page - Analog Devices ADE7858ACPZ Datasheet HTML 25Page - Analog Devices ADE7858ACPZ Datasheet HTML 26Page - Analog Devices ADE7858ACPZ Datasheet HTML 27Page - Analog Devices ADE7858ACPZ Datasheet HTML 28Page - Analog Devices ADE7858ACPZ Datasheet HTML 29Page - Analog Devices ADE7858ACPZ Datasheet HTML 30Page - Analog Devices ADE7858ACPZ Datasheet HTML 31Page - Analog Devices ADE7858ACPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 28 of 76
bit 24 (IPPHASE[0]) of IPEAK[31:0] is cleared to 0 and bit 25
(IPPHASE[1]) of IPEAK[31:0] is set to 1. Figure 31 presents the
composition of IPEAK and VPEAK registers.
24 bit unsigned number
0
23
24
31
25
26
27
00000
peak detected on
phase A
peak detected on
phase B
peak detected on
phase C
IPPHASE/
VPPHASE bits
Figure 31.Composition of IPEAK[31:0] and VPEAK[31:0] registers
Peak value written into IPEAK at
the end of first PEAKCYC
period
End of first
PEAKCYC=16 period
End of second
PEAKCYC=16 period
Bit 24 of IPEAK
cleared to 0 at
the end of
second
PEAKCYC
period
Bit 25 of IPEAK
Bit 25 of IPEAK
set to 1 at the
end of second
PEAKCYC
period
Peak value written into IPEAK at
the end of second PEAKCYC
period
Phase A
current
Phase B
current
Bit 24 of IPEAK
Figure 32. ADE7858 Peak Level Detection
Figure 32 shows how the ADE7858 records the peak value on
the current channel when measurements on phases A and B are
enabled (bits PEAKSEL[2:0] in MMODE[7:0] are 011).
PEAKCYC[7:0] is set to 16, meaning that the peak
measurement cycle is 4 line periods. The maximum absolute
value of phase A is the greatest during the first 4 line periods
(PEAKCYC=16), so the maximum absolute value is written into
the less significant 24 bits of IPEAK[31:0] register and bit 24
(IPPHASE[0]) of IPEAK[31:0] register is set to 1 at the end of
the period. This bit remains 1 for the duration of the second
PEAKCYC period of 4 line cycles. The maximum absolute value
of phase B is the greatest during the second PEAKCYC period,
so the maximum absolute value is written into the less
significant 24 bits of IPEAK register and bit 25 (IPPHASE[1]) in
IPEAK register is set to 1 at the end of the period.
At the end of the peak detection period in the current channel,
bit 23 (PKI) in STATUS1[31:0] register is set to 1. If bit 23 (PKI)
in MASK1[31:0] register is set, then
1
IRQ
interrupt pin is driven
low at the end of PEAKCYC period and the status bit 23 (PKI)
in STATUS1[31:0] is set to 1. In a similar way, at the end of the
peak detection period in the voltage channel, bit 24 (PKV) in
STATUS1[31:0] register is set to 1. If bit 24 (PKV) in
MASK1[31:0] register is set, then
1
IRQ interrupt pin is driven
low at the end of PEAKCYC period and the status bit 24 (PKV)
in STATUS1[31:0] is set to 1. To find the phase that triggered
the interrupt, one of IPEAK[31:0] or VPEAK[31:0] registers is
read immediately after reading STATUS1[31:0]. Then the status
bits are cleared and
1
IRQ pin is set back high by writing
STATUS1[31:0] register with the status bit set to 1.
Note that the internal zero-crossing counter is always active. By
setting bits 4, 3, 2 (PEAKSEL[2:0]) in MMODE[7:0] register, the
first peak detection result is, therefore, not done across a full
PEAKCYC period. Writing to the PEAKCYC[7:0] register when
the PEAKSEL[2:0] bits are set resets the zero-crossing counter,
thus ensuring that the first peak detection result is obtained
across a full PEAKCYC period.
Overvoltage and Overcurrent Detection
Phase A
Voltage Channel
OVLVL[23:0]
Bit 18 (OV) of
STATUS1
Overvoltage
detected
STATUS1[18] and
PHSTATUS[9]
cancelled by a write
of STATUS1 with
OV bit set
Bit 9 (OVPHASE)
of PHSTATUS
Figure 33. ADE7858 Overvoltage Detection
The ADE7858 detects when the instantaneous absolute value
measured on the voltage and current channels becomes greater
than thresholds set in OVLVL[23:0] and OILVL[23:0] 24-bit
unsigned registers. If bit 18 (OV) in MASK1[31:0] register is
set,
1
IRQ
interrupt pin is driven low in case of an overvoltage
event. There are two status flags set when
1
IRQ
interrupt pin is
driven low: bit 18 (OV) in STATUS1[31:0] register and one of
bits 11, 10, 9 (OVPHASE[2:0]) in PHSTATUS[15:0] register
identifying the phase that generated the overvoltage. The status
bit 18 (OV) in STATUS1[31:0] register and all bits 11, 10, 9
(OVPHASE[2:0]) in PHSTATUS[15:0] register are cleared and
1
IRQ
pin is set back high by writing STATUS1[31:0] register
with the status bit set to 1. Figure 33 presents overvoltage
detection in phase A voltage. Whenever the absolute
instantaneous value of the voltage goes above the threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com