Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 22Page - Analog Devices ADE7858ACPZ Datasheet HTML 23Page - Analog Devices ADE7858ACPZ Datasheet HTML 24Page - Analog Devices ADE7858ACPZ Datasheet HTML 25Page - Analog Devices ADE7858ACPZ Datasheet HTML 26Page - Analog Devices ADE7858ACPZ Datasheet HTML 27Page - Analog Devices ADE7858ACPZ Datasheet HTML 28Page - Analog Devices ADE7858ACPZ Datasheet HTML 29Page - Analog Devices ADE7858ACPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 26 of 76
Phase A
Phase B
Phase C
ZX A
ZX B
ZX C
Figure 27. Phase Sequence Detection
When ANGLESEL[1:0] bits are set to 00, the default value, then
the delays between voltages and currents on the same phase are
measured. The delay between phase A voltage and phase A
current is stored in the 16-bit unsigned ANGLE0[15:0] register
(See Figure 28 for details). In a similar way, the delays between
voltages and currents on phase B and C are stored in
ANGLE1[15:0] and ANGLE2[15:0] registers respectively.
Phase A
Voltage
Phase A
Current
ANGLE0
Figure 28.Delay between phase A voltage and current is stored in
ANGLE0[15:0]
When ANGLESEL[1:0] bits are set to 01, the delays between
phase voltages are measured. The delay between phase A
voltage and phase C voltage is stored into ANGLE0[15:0]. The
delay between phase B voltage and phase C voltage is stored in
ANGLE1[15:0] register and the delay between phase A voltage
and phase B voltage is stored into ANGLE2[15:0] register (see
Figure 29 for details).
When ANGLESEL[1:0] bits are set to 10, the delays between
phase currents are measured. Similar to delays between phase
voltages, the delay between phase A and phase C currents is
stored into ANGLE0[15:0] register, the delay between phase B
and phase C currents is stored into ANGLE1[15:0] register and
the delay between phase A and phase B currents is stored into
ANGLE2[15:0] register (see Figure 29 for details).
The ANGLE0, ANGLE1 and ANGLE2 registers are 16-bit
unsigned registers with 1LSB corresponding to 3.90625μs (256
KHz clock), which means a resolution of 0.07° (360°x
50Hz/256KHz) for 50Hz systems and 0.084° (360°x
60Hz/256KHz) for 60Hz systems. The delays between phase
voltages or phase currents are used to characterize how
balanced the load is. The delays between phase voltages and
currents are used to compute the power factor on each phase
(see expression (5) below).
KHz
f
ANGLEx
Line
x
256
360
cos
cos
(5)
where x=A, B or C and fLine is 50Hz or 60Hz.
Phase A
Phase B
Phase C
ANGLE0
ANGLE2
ANGLE1
Figure 29. Delays between phase voltages (currents)
Period Measurement
The ADE7858 provides the period measurement of the line in
the voltage channel. Bits 1, 0 (PERSEL[1:0]) in MMODE[7:0]
register select the phase voltage used for this measurement. The
PERIOD register is a 16-bit unsigned register and is updated
every line period. Because of LPF1 filter (see Figure 24), a
settling time of 30-40msec is associated with this filter before
the measurement is stable.
The period measurement has a resolution of 3.90625 s/LSB
(256 KHz clock), which represents 0.0195% (50Hz/256KHz)
when the line frequency is 50 Hz and 0.0234% (60Hz/256KHz)
when the line frequency is 60Hz. The value of the period
register for 50Hz networks is approximately 5,120
(256KHz/50Hz) and for 60Hz networks is approximately 4267
(256KHz/60Hz). The length of the register enables the
measurement of line frequencies as low as 3.9 Hz (256KHz/216).
The period register is stable at ±1 LSB when the line is
established and the measurement does not change.
The following expressions may be used to compute the line
period and frequency using PERIOD[15:0] register:
[sec]
3
256
]
0
:
15
[
E
PERIOD
TL
(6)
]
[
]
0
:
15
[
3
256
Hz
PERIOD
E
f L
(7)
Phase Voltage Sag Detection
The ADE7858 can be programmed to detect when the absolute
value of any phase voltage drops below a certain peak value for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com