Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 14Page - Analog Devices ADE7858ACPZ Datasheet HTML 15Page - Analog Devices ADE7858ACPZ Datasheet HTML 16Page - Analog Devices ADE7858ACPZ Datasheet HTML 17Page - Analog Devices ADE7858ACPZ Datasheet HTML 18Page - Analog Devices ADE7858ACPZ Datasheet HTML 19Page - Analog Devices ADE7858ACPZ Datasheet HTML 20Page - Analog Devices ADE7858ACPZ Datasheet HTML 21Page - Analog Devices ADE7858ACPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 18 of 76
Power
Mode
Registers
CONFIG2
I2C/SPI
Functionality
executed
PSM3
Not
available
Values set during
PSM0 unchanged
Disabled
-Internal circuits shut down.
-Serial ports not available.
Table 9. Recommended actions when changing power modes
Initial Power
Mode
Recommended actions before setting next
power mode
PSM0
PSM3
PSM0
-Stop DSP by setting RUN[15:0]=0x0000.
-Disable HSDC by clearing bit 6 (HSDEN) to 0 in
CONFIG[15:0] register.
-Mask interrupts by setting MASK0[31:0]=0x0 and
MASK1[31:0]=0x0 .
-Erase interrupt status flags in STATUS0[31:0] and
STATUS1[31:0] registers.
-No action necessary
PSM3
-No action necessary
-Wait until
1
IRQ pin triggered low
-Poll STATUS1[31:0] register until bit 15
(RSTDONE) set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com