Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 38Page - Analog Devices ADE7858ACPZ Datasheet HTML 39Page - Analog Devices ADE7858ACPZ Datasheet HTML 40Page - Analog Devices ADE7858ACPZ Datasheet HTML 41Page - Analog Devices ADE7858ACPZ Datasheet HTML 42Page - Analog Devices ADE7858ACPZ Datasheet HTML 43Page - Analog Devices ADE7858ACPZ Datasheet HTML 44Page - Analog Devices ADE7858ACPZ Datasheet HTML 45Page - Analog Devices ADE7858ACPZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 42 of 76
23
2
Register
VAGAIN
1
IRMS
VRMS
Power
Apparent
Average
(38)
The output is scaled by –50% by writing 0xC00000 to the VA
gain registers and increased by +50% by writing 0x400000 to
them. These registers can be used to calibrate the apparent
power (or energy) calculation in the ADE7858 for each phase.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words and the DSP works on 28 bits. Similar to
registers presented in Figure 15, AVAGAIN, BVAGAIN,
CVAGAIN 24-bit registers are accessed as 32-bit registers with 4
most significant bits padded with 0s and sign extended to 28
bits.
Apparent Power Offset Calibration
Each rms measurement includes an offset compensation register
to calibrate and eliminate the dc component in the rms value
(see the Root Mean Square Measurement section). The voltage
and current rms values are then multiplied together in the
apparent power signal processing. As no additional offsets are
created in the multiplication of the rms values, there is no specific
offset compensation in the apparent power signal processing. The
offset compensation of the apparent power measurement in each
phase should be done by calibrating each individual rms
measurement.
Apparent Power Calculation using VNOM
The ADE7858 may compute the apparent power multiplying
the phase rms current by an rms voltage introduced externally
in VNOM[23:0] 24-bit signed register. When one of bits 13, 12,
11 (VNOMCEN, VNOMBEN, VNOMAEN) in
COMPMODE[15:0] register is set to 1, the apparent power in
the corresponding phase (phase x for VNOMxEN, x=A,B,C) is
computed in this way. When bits VNOMxEN are cleared to 0,
the default value, then the arithmetic apparent power is
computed.
VNOM[23:0] register contains a number determined by U, the
desired rms voltage and
FS
U
, the rms value of the phase
voltage when the ADC inputs are at full scale:
400
,
191
,
4
U
U
VNOM
FS
(39)
Usually U is the nominal phase rms voltage.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words. Similar to the register presented in Figure
16, VNOM 24-bit signed register is accessed as a 32-bit register
with 8 most significant bits padded with 0s.
Apparent Energy Calculation
Apparent energy is defined as the integral of apparent power.
dt
t
s
ergy
ApparentEn
)
(
(40)
Similar to active and reactive powers, the ADE7858 achieves
the integration of the apparent power signal in two stages (see
Figure 47). The first stage is done inside the DSP: every 125μsec
(8KHz frequency), the instantaneous phase apparent power is
accumulated into an internal register. When a threshold is
reached, a pulse is generated at processor port and the
threshold is subtracted from the internal register. The second
stage is done outside the DSP and consists in accumulating the
pulses generated by the processor into internal 32-bit
accumulation registers. The content of these registers is
transferred to va-hr registers xVAHR[31:0], x=A, B, C when
these registers are accessed.
Figure 42 from the Active Energy Calculation section explains
this process. The VATHR[47:0] 48-bit register contains the
threshold. Its value depends on how much energy is assigned to
1LSB of VA-hour registers. Let’s suppose a derivative of VAh
[10n VAh], n an integer, is desired as 1LSB of VAHR. Then
VATHR may be computed using the following expression:
FS
FS
n
s
I
U
10
3600
f
PMAX
VATHR
where:
PMAX=33,516,139=0x1FF6A6B, the instantaneous power
computed when the ADC inputs are at full scale.
fs=8KHz is the frequency with which the DSP computes the
instantaneous power.
UFS, IFS are the rms values of phase voltages and currents when
the ADC inputs are at full scale.
The VATHR[47:0] is a 48-bit register. As previously stated, the
serial ports of the ADE7858 work on 32, 16 or 8-bit words.
Similar to the WTHR[47:0] register presented in Figure 43,
VATHR[47:0] is accessed as two 32-bit registers
(VATHR1[31:0] and VATHR0[31:0]), each having 8 most
significant bits padded with 0s.
This discrete time accumulation or summation is equivalent to
integration in continuous time following the description in
expression (41).


0
n
0
T
T
nT
s
Lim
dt
t
s
ergy
ApparentEn
(41)
where:
n
is the discrete time sample number.
T
is the sample period.
In the ADE7858, the phase apparent powers are accumulated in
AVAHR[31:0], BVAHR[31:0] and CVAHR[31:0] 32-bit signed
registers. The apparent energy register content can roll over to
full-scale negative (0x80000000) and continue increasing in
value when the apparent power is positive. Conversely, if
because of offset compensation in rms data path, the apparent
power is negative, the energy register would underflow to full-
scale positive (0x7FFFFFFF) and continue decreasing in value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com