Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 70 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 70 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 66Page - Analog Devices ADE7858ACPZ Datasheet HTML 67Page - Analog Devices ADE7858ACPZ Datasheet HTML 68Page - Analog Devices ADE7858ACPZ Datasheet HTML 69Page - Analog Devices ADE7858ACPZ Datasheet HTML 70Page - Analog Devices ADE7858ACPZ Datasheet HTML 71Page - Analog Devices ADE7858ACPZ Datasheet HTML 72Page - Analog Devices ADE7858ACPZ Datasheet HTML 73Page - Analog Devices ADE7858ACPZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 70 of 76
Bit
Location
Bit
Mnemonic
Default
value
Description
7
SWRST
0
When this bit is set to 1, a software reset is initiated.
9,8
VTOIA[1:0]
00
These bits decide what phase voltage is considered together with phase A current in the power
path:
00=phase A voltage
01=phase B voltage
10=phase C voltage
11=reserved. When set, the ADE7858 behaves like VTOIA [1:0]=00
11,10
VTOIB[1:0]
00
These bits decide what phase voltage is considered together with phase B current in the power
path:
00=phase B voltage
01=phase C voltage
10=phase A voltage
11=reserved. When set, the ADE7858 behaves like VTOIB [1:0]=00
13,12
VTOIC[1:0]
00
These bits decide what phase voltage is considered together with phase C current in the power
path:
00=phase C voltage
01=phase A voltage
10=phase B voltage
11=reserved. When set, the ADE7858 behaves like VTOIC [1:0]=00
14
Reserved
0
Reserved. This bit does not manage any functionality.
15
Reserved
0
Reserved. This bit does not manage any functionality.
Table 40. MMODE register (address 0xE700)
Bit
Location
Bit
Mnemonic
Default
value
Description
1,0
PERSEL[1:0]
00
-00: Phase A selected as source of the voltage line period measurement
-01: Phase B selected as source of the voltage line period measurement
-10: Phase C selected as source of the voltage line period measurement
-11:Reserved. When set, the ADE7858 behaves like PERSEL[1:0]=00
2
PEAKSEL[0]
1
PEAKSEL[2:0] bits can all be set to 1 simultaneously to allow peak detection on all 3 phases
simultaneously. If more than one PEAKSEL[2:0] bits are set to 1, then the peak measurement period
indicated in PEAKCYC[7:0] register decreases accordingly because zero crossings are detected on
more than one phase.
When this bit is set to 1, phase A is selected for the voltage and current peak registers
3
PEAKSEL[1]
1
When this bit is set to 1, phase B is selected for the voltage and current peak registers
4
PEAKSEL[2]
1
When this bit is set to 1, phase C is selected for the voltage and current peak registers
7-5
Reserved
000
Reserved. These bits do not manage any functionality.
Table 41. ACCMODE Register (Address 0xE701)
Bit
Location
Bit
Mnemonic
Default
value
Description
1,0
WATTACC[1:0]
00
-00: signed accumulation mode of the total active powers
-01: reserved. When set, the ADE7858 behaves like WATTACC[1:0]=00
-10: reserved. When set, the ADE7858 behaves like WATTACC[1:0]=00
-11: absolute accumulation mode of the total active powers
3,2
VARACC[1:0]
00
-00: signed accumulation of the total reactive powers
-01: reserved. When set, the ADE7858 behaves like VARACC[1:0]=00
-10:the total reactive power are accumulated depending on the sign of the total active power:
-if the active power is positive, the reactive power is accumulated as is
-if the active power is negative, the reactive power is accumulated with reversed sign
-11: reserved. When set, the ADE7858 behaves like VARACC[1:0]=00
5,4
CONSEL[1:0]
00
These bits are used to select the inputs to the energy accumulation registers. IA’, IB’ and IC’ are IA, IB
and IC shifted respectively by -90°.
-00: 3 phase 4 wires with 3 voltage sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com