Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 43Page - Analog Devices ADE7858ACPZ Datasheet HTML 44Page - Analog Devices ADE7858ACPZ Datasheet HTML 45Page - Analog Devices ADE7858ACPZ Datasheet HTML 46Page - Analog Devices ADE7858ACPZ Datasheet HTML 47Page - Analog Devices ADE7858ACPZ Datasheet HTML 48Page - Analog Devices ADE7858ACPZ Datasheet HTML 49Page - Analog Devices ADE7858ACPZ Datasheet HTML 50Page - Analog Devices ADE7858ACPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 47 of 76
When VARACC[1:0]=10, the reactive powers are accumulated
depending on the sign of corresponding active power. If the
active power is positive, the reactive power is accumulated as is.
If the active power is negative, the sign of the reactive power is
changed for accumulation. Figure 55 presents the way the sign
adjusted reactive power accumulation mode works. Note that in
this mode, the var-hr registers continue to accumulate reactive
powers in signed mode, even if the CF pulses are generated
based on the sign adjusted accumulation mode.
REVRPx bit
in STATUS0
xVARSIGN bit
in PHSIGN
ACTIVE
POWER
NO-LOAD
THRESHOLD
NO-LOAD
THRESHOLD
REACTIVE
ENERGY
NO-LOAD
THRESHOLD
NO-LOAD
THRESHOLD
REACTIVE
POWER
POS
VARNOLOAD
SIGN=POSITIVE
NEG
POS
Figure 55. Reactive power accumulation in sign adjusted mode
Sign of sum of phase powers in CFx data path
The ADE7858 has a sign detection circuitry for the sum of
phase powers that are used in CFx, x=1, 2, 3 data path. As seen
in the beginning of Energy to Frequency Conversion chapter,
the energy accumulation in CFx data path is executed in two
stages. Every time a sign change is detected in the energy
accumulation at the end of the first stage, that is after the energy
accumulated into the 55 bit accumulator reaches one of
WTHR[47:0], VARTHR[47:0 or VATHR[47:0] thresholds, a
dedicated interrupt may be triggered synchronously with the
corresponding CF pulse. The sign of each sum may be read in
PHSIGN[15:0] register.
Bits 18, 13, 9 (REVPSUM3, REVPSUM2, and respectively
REVPSUM1) of STATUS0[31:0] register are set to 1 when a sign
change of the sum of powers in CF3, CF2 or CF1 data paths
occurs. To correlate these events with the pulses generated at
CFx pins, after a sign change occurs, bits REVPSUM3,
REVPSUM2 and REVPSUM1 are set in the same moment in
which a high to low transition at CF3, CF2 and respectively CF1
pin occurs.
Bits 8, 7, 3 (SUM3SIGN, SUM2SIGN and respectively
SUM1SIGN) of PHSIGN[15:0] register are set in the same
moment with bits REVPSUM3, REVPSUM2 and REVPSUM1
and indicate the sign of the sum of phase powers. When cleared
to 0, the sum is positive. When set to 1, the sum is negative.
Interrupts attached to the bits 18, 13, 9 (REVPSUM3,
REVPSUM2, and respectively REVPSUM1) in STATUS0[31:0]
register may be enabled by setting bits 18, 13 , 9 in
MASK0[31:0] register. If enabled, the
0
IRQ pin is set low and
the status bit is set to 1 whenever a change of sign occurs. To
find the phase that triggered the interrupt, PHSIGN[15:0]
register is read immediately after reading STATUS0[31:0]. Then
the status bit is cleared and
0
IRQ pin is set back high by writing
STATUS0 register with the corresponding bit set to 1.
NO-LOAD CONDITION
The no-load condition is defined in metering equipment
standards as occurring when the voltage is applied to the meter
and no current flows in the current circuit. To eliminate any
creep effects in the meter, the ADE7858 contains two separate
no-load detection circuits: one related to the total active and
reactive powers and one related to the apparent powers.
No-load detection based on total active and reactive
powers
This no-load condition is triggered when the absolute values of
both phase total active and reactive powers are less than or
equal to positive thresholds indicated in APNOLOAD[23:0]
and respective VARNOLOAD[23:0] signed 24-bit registers. In
this case, the total active and reactive energies of that phase are
not accumulated and no CF pulses are generated based on these
energies. APNOLOAD[23:0] represents the positive no-load
level of active power relative to PMAX, the maximum active
power obtained when full scale voltages and currents are
provided at ADC inputs. VARNOLOAD[23:0] represents the
positive no-load level of reactive power relative to PMAX. The
expression used to compute APNOLOAD[23:0] signed 24-bit
value is:
PMAX
I
I
U
U
APNOLOAD
FS
noload
FS
n
(44)
where: PMAX=33,516,139=0x1FF6A6B, the instantaneous
power computed when the ADC inputs are at full scale
UFS, IFS, the rms values of phase voltages and currents when the
ADC inputs are at full scale.
Un, the nominal rms value of phase voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com