Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 68 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 68 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 64Page - Analog Devices ADE7858ACPZ Datasheet HTML 65Page - Analog Devices ADE7858ACPZ Datasheet HTML 66Page - Analog Devices ADE7858ACPZ Datasheet HTML 67Page - Analog Devices ADE7858ACPZ Datasheet HTML 68Page - Analog Devices ADE7858ACPZ Datasheet HTML 69Page - Analog Devices ADE7858ACPZ Datasheet HTML 70Page - Analog Devices ADE7858ACPZ Datasheet HTML 71Page - Analog Devices ADE7858ACPZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 68 of 76
-010: gain=4
-011: gain=8
-100: gain=16
-101, 110, 111: reserved. When set, the ADE7858 behaves like PGA1 [2:0]=000
5 to 3
Reserved
000
Reserved. These bits do not manage any functionality.
8 to 6
PGA3[2:0]
000
Phase voltages gain selection
-000: gain=1
-001: gain=2
-010: gain=4
-011: gain=8
-100: gain=16
-101, 110, 111: reserved. When set, the ADE7858 behaves like PGA3 [2:0]=000
15 to 9
Reserved
000 0000
Reserved. These bits do not manage any functionality.
Table 36. CFMODE register (address 0xE610)
Bit
Location
Bit
Mnemonic
Default
value
Description
2-0
CF1SEL[2:0]
000
-000: CF1 frequency proportional to the sum of total active powers on each phase identified by
bits 2-0 (TERMSEL1) in COMPMODE[15:0] register.
-001: CF1 frequency proportional to the sum of total reactive powers on each phase identified by
bits 2-0 (TERMSEL1) in COMPMODE[15:0] register.
-010: CF1 frequency proportional to the sum of apparent powers on each phase identified by bits
2-0 (TERMSEL1) in COMPMODE[15:0] register.
-011,100, 101,110,111: reserved. When set, the ADE7858 behaves like CF1SEL [2:0]=000.
5-3
CF2SEL[2:0]
001
-000: CF2 frequency proportional to the sum of total active powers on each phase identified by
bits 5:3 (TERMSEL2) in COMPMODE[15:0] register.
-001: CF2 frequency proportional to the sum of total reactive powers on each phase identified by
bits 5:3 (TERMSEL2) in COMPMODE[15:0] register.
-010: CF2 frequency proportional to the sum of apparent powers on each phase identified by bits
5:3 (TERMSEL2) in COMPMODE[15:0] register.
-011,100,101,110,111: reserved. When set, the ADE7858 behaves like CF2SEL [2:0]=000.
8-6
CF3SEL[2:0]
010
-000: CF3 frequency proportional to the sum of total active powers on each phase identified by
bits 8:6 (TERMSEL3) in COMPMODE[15:0] register.
-001: CF3 frequency proportional to the sum of total reactive powers on each phase identified by
bits 8:6 (TERMSEL3) in COMPMODE[15:0] register.
-010: CF3 frequency proportional to the sum of apparent powers on each phase identified by bits
8:6 (TERMSEL3) in COMPMODE[15:0] register.
-011,100,101,110,111: reserved. When set, the ADE7858 behaves like CF3SEL [2:0]=000.
9
CF1DIS
1
When this bit is set to 1, the CF1 output is disabled. The respective digital to frequency converter
remains enabled even if CF1DIS=1. When set to 0, the CF1 output is enabled.
10
CF2DIS
1
When this bit is set to 1, the CF2 output is disabled. The respective digital to frequency converter
remains enabled even if CF2DIS=1. When set to 0, the CF2 output is enabled.
11
CF3DIS
1
When this bit is set to 1, the CF3 output is disabled. The respective digital to frequency converter
remains enabled even if CF3DIS=1. When set to 0, the CF3 output is enabled.
12
CF1LATCH
0
When this bit is set to 1, the content of the corresponding energy registers is latched when a CF1
pulse is generated. See Synchronizing energy registers with CFx outputs section.
13
CF2LATCH
0
When this bit is set to 1, the content of the corresponding energy registers is latched when a CF2
pulse is generated. See Synchronizing energy registers with CFx outputs section.
14
CF3LATCH
0
When this bit is set to 1, the content of the corresponding energy registers is latched when a CF3
pulse is generated. See Synchronizing energy registers with CFx outputs section.
15
Reserved
0
Reserved. This bit does not manage any functionality.
Table 37. APHCAL, BPHCAL, CPHCAL registers (addresses 0xE614, 0xE615, 0xE616)
Bit
Location
Bit
Mnemonic
Default
value
Description
9-0
PHCALVAL
0000000000
If current channel compensation is necessary, these bits can vary only between 0 and 383.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com