Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858ACPZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADE7858ACPZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858ACPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE7858ACPZ Datasheet HTML 25Page - Analog Devices ADE7858ACPZ Datasheet HTML 26Page - Analog Devices ADE7858ACPZ Datasheet HTML 27Page - Analog Devices ADE7858ACPZ Datasheet HTML 28Page - Analog Devices ADE7858ACPZ Datasheet HTML 29Page - Analog Devices ADE7858ACPZ Datasheet HTML 30Page - Analog Devices ADE7858ACPZ Datasheet HTML 31Page - Analog Devices ADE7858ACPZ Datasheet HTML 32Page - Analog Devices ADE7858ACPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 29 of 76
from OVLVL[23:0] register, bit 18 (OV) in STATUS1[31:0] and
bit 9 (OVPHASE[0]) in PHSTATUS[15:0] registers are set to 1.
The bit 18 (OV) of STATUS1[31:0] register and bit 9
(OVPHASE[0]) in PHSTATUS[15:0] register are cancelled
when STATUS1 register is written with bit 18 (OV) set to 1.
The recommended procedure to manage overvoltage events is
the following:
-enable OV interrupts in MASK1[31:0] register by setting bit 18
(OV) to 1.
-when an overvoltage event happens, the
1
IRQ
interrupt pin
goes low.
-STATUS1[31:0] register is read with bit 18 (OV) set to 1.
-PHSTATUS[15:0] is read, identifying on which phase or
phases an overvoltage event happened.
-STATUS1[31:0] register is written with bit 18 (OV) set to 1. In
this moment, bit OV is erased and also all bits 11, 10, 9
(OVPHASE[2:0]) of PHSTATUS[15:0] register.
In case of an overcurrent event, if bit 17 (OI) in MASK1[31:0]
register is set,
1
IRQ
interrupt pin is driven low. In the same
moment, bit 17 (OI) in STATUS1[31:0] register and one of bits
5, 4, 3 (OIPHASE[2:0]) in PHSTATUS[15:0] register identifying
the phase that generated the interrupt are set. To find the phase
that triggered the interrupt, PHSTATUS[15:0] register is read
immediately after reading STATUS1[31:0]. Then the status bit
17 (OI) in STATUS1[31:0] register and bits 5,4,3
(OIPHASE[2:0]) in PHSTATUS[15:0] register are cleared and
1
IRQ
pin is set back high by writing STATUS1[31:0] register
with the status bit set to 1. The process is similar with the
overvoltage detection.
Overvoltage and Overcurrent Level Set
The content of the overvoltage OVLVL[23:0] and overcurrent
OILVL[23:0] 24-bit unsigned registers is compared to the
absolute value of the voltage and current channels. The
maximum value of these registers is the maximum value of the
HPF outputs: +5,928,256 (0x5A7540). When OVLVL or OILVL
are equal to this value, the overvoltage or overcurrent
conditions will never be detected. Writing 0x0 to these registers
signifies the overvoltage or overcurrent conditions are
continuously detected and the corresponding interrupts are
triggered permanently.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words. Similar to the register presented in Figure
16, OILVL and OVLVL registers are accessed as 32-bit registers
with 8 most significant bits padded with 0s.
PHASE COMPENSATION
As seen in Current Channel ADC and Voltage Channel ADC
chapters, the data path for both current and voltages is the
same. The phase error between current and voltage signals
introduced by the ADE7858 is negligible. However, the
ADE7858 must work with transducers that may have inherent
phase errors. For example, a current transformer (CT) with a
phase error of 0.1° to 3° is not uncommon. These phase errors
can vary from part to part, and they must be corrected to
perform accurate power calculations.
The errors associated with phase mismatch are particularly
noticeable at low power factors. The ADE7858 provides a
means of digitally calibrating these small phase errors. The
ADE7858 allows a small time delay or time advance to be
introduced into the signal processing chain to compensate for
the small phase errors.
The phase calibration registers (APHCAL[9:0], BPHCAL[9:0],
and CPHCAL[9:0]) are 10-bit registers that can vary the time
advance in the voltage channel signal path from +61.5 μs to
−374.0 μs, respectively. Negative values written to the PHCAL
registers represent a time advance, and positive values represent
a time delay. One LSB is equivalent to 0.976 μs of time delay or
time advance (clock rate of 1.024MHz). With a line frequency
of 60 Hz, this gives a phase resolution of 0.0211° (360° × 60
Hz/1.024 MHz) at the fundamental. This corresponds to a total
correction range of −8.079° to +1.329° at 60 Hz. At 50Hz, the
correction range is -6.732° to +1.107° and the resolution is
0.0176°(360° × 50 Hz/1.024 MHz) .
Given a phase error of x degrees measured using the phase
voltage as the reference, then the corresponding LSBs are
computed dividing x by the phase resolution (0.0211°/LSB for
60Hz, 0.0176°/LSB for 50Hz). Only results between -383 and
+63 are acceptable. Numbers outside this range are not
accepted. If the result is negative, the absolute value is written
into PHCAL registers. If the result is positive, 512 is added to it
before writing the result into PHCAL.

0
x
,
512
resolution
_
phase
x
0
x
,
resolution
_
phase
x
yPHCAL
(8)
Figure 35 illustrates how the phase compensation is used to
remove x=-1° phase lead in IA of the current channel from the
external current transducer (equivalent of 55.5μs for 50Hz
systems). To cancel the lead (1°) in the current channel of Phase
A, a phase lead must be introduced into the corresponding
voltage channel. Using expression (8), APHCAL is 57, rounded
up from 56.8. The phase lead is achieved by introducing a time
delay of 55.73 μs into the phase A current.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words. As presented in Figure 34, APHCAL,
BPHCAL and CPHCAL 10-bit registers are accessed as a 16-bit
registers with 6 most significant bits padded with 0s.
xPHCAL
0000 00
0
9
10
15
Figure 34. xPHCAL registers (x=A,B,C) are communicated as 16-bit registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com