Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADP2116
Rev. 0 | Page 28 of 36
ZCOMP(s) is the impedance of the RC compensation network that
forms a pole at origin and a zero as expressed in Equation 13.
CONTROL LOOP COMPENSATION
The ADP2116 uses a peak current-mode control architecture
for excellent load and line transient response. The external
voltage loop is compensated by a transconductance amplifier
with a simple external RC network between the COMP1 or
COMP2 pin and GND, as shown in Figure 69.
COMP
COMP
COMP
COMP
C
s
C
R
s
(s)
Z
×
×
×
+
=
1
(13)
ZFILT
(s) is the impedance of the output filter and is expressed as
OUT
LOAD
LOAD
FILT
C
R
s
R
(s)
Z
×
×
+
=
1
(14)
gm
VFBx
0.6V
ADP2116
COMPx
RCOMP
CCOMP
CC2
GND
where s is the angular frequency that can be written as s = 2πf.
The overall loop gain, H(s), is obtained by multiplying the three
transfer functions previously mentioned as follows:
H(s) = gm × GCS ×
OUT
REF
V
V
× ZCOMP(s) × ZFILT(s)
(15)
Figure 69. Compensation Components
When the switching frequency (fSW), output voltage (VOUT), output
inductor (L), and output capacitor (COUT) values are selected,
the unity crossover frequency of approximately 1/12 the
switching frequency can be targeted.
The basic control loop block diagram is shown in Figure 70. The
blocks and components shown enclosed within the dashed line in
Figure 70 are embedded inside each channel of the ADP2116.
VCOMP
CCOMP
RCOMP
gm
VREF = 0.6V
VIN
PULSE-
WIDTH
MODULATOR
IL
VOUT
INDUCTOR
CURRENT
SENSE
ADP2116
At the crossover frequency, the gain of the open-loop transfer
function is unity. This yields Equation 16 for the compensation
network impedance at the crossover frequency.
REF
OUT
CS
m
OUT
CROSS
CROSS
COMP
V
V
G
g
C
f
f
Z
×
×
×
×
×
=
π
2
)
(
(16)
To ensure that there is sufficient phase margin at the crossover
frequency, set the compensator zero to 1/8 of the crossover
frequency, as indicated in Equation 17.
8
π
2
1
CROSS
COMP
COMP
ZERO
f
C
R
f
≈
×
×
×
=
(17)
Figure 70. Basic Control Loop Block Diagram
Solving Equation 16 and Equation 17 yields the values for the
compensation resistor and the compensation capacitor, as shown
in Equation 18 and Equation 19.
The control loop can be broken down into the following three
sections:
•
VOUT to VCOMP
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
REF
OUT
OUT
CS
m
CROSS
COMP
V
V
C
G
g
f
R
)
π
2
(
9
.
0
(18)
•
VCOMP to IL
•
IL to VOUT
Correspondingly, there are three transfer functions:
(s)
Z
g
V
V
(s)
V
(s)
V
COMP
m
OUT
REF
OUT
COMP
×
×
=
(10)
COMP
ZERO
COMP
R
f
C
×
×
×
=
π
2
1
(19)
CS
COMP
L
G
(s)
V
(s)
I
=
(11)
(s)
Z
(s)
I
(s)
V
FILT
L
OUT
=
(12)
Capacitor CC2 (as shown in Figure 69) forms a pole with the
compensation resistor, RCOMP, in the feedback loop to ensure
that the loop gain continues to decrease, or roll off, well beyond
the unity-gain crossover frequency. The value of CC2, if used, is
typically set to 1/40 of the compensation capacitor, CCOMP.
where:
s is the angular frequency that can be written as s = 2πf.
gm is the transconductance of the error amplifier, 550 μS.
GCS is the current-sense gain, 4 A/V.
VOUT is the output voltage of the converter.
VREF is the internal reference voltage, 0.6 V.
ZCOMP is the impedance of the RC compensation network.
ZFILT is the impedance of the output filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com