Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADP2116
Rev. 0 | Page 22 of 36
HICCUP MODE CURRENT LIMIT
The ADP2116 features a hiccup mode current-limit implemen-
tation. When the peak inductor current exceeds the preset current
limit for more than eight consecutive clock cycles, the hiccup
mode current-limit condition occurs. The channel then goes to
sleep for 6.8 ms (at a 600 kHz switching frequency), which is
enough time for the output to be discharged and the average
power dissipation to be reduced. After the 6.8 ms elapses, the
channel wakes up with a soft start period (see Figure 61). If the
current-limit condition is subsequently triggered, the channel again
goes to sleep and wakes up after 6.8 ms. The current limits for
the two channels are programmed by configuring the OPCFG pin
(see Table 7). For the 3 A/3 A option, the output current limit is
set to 4.5 A per output. For the 3 A/2 A option, the current limits
are set to 4.5 A and 3.3 A for VOUT1 and VOUT2, respectively.
CH3 5.0V
CH2 1.0V
CH4 2.0A
M2ms 5MS/s
A CH4
1.72A
4
2
3
INDUCTOR
CURRENT
VOUT
SW
200ns/pt
Ω
B
W
B
W
B
W
Figure 61. Hiccup Mode
THERMAL OVERLOAD PROTECTION
The ADP2116 has an internal temperature sensor that monitors
the junction temperature. High current going into the switches
or a hot printed circuit board (PCB) can cause the junction
temperature of the ADP2116 to rise rapidly. When the junction
temperature reaches approximately 150°C, the ADP2116 goes
into thermal shutdown and the converter is turned off. When
the junction temperature cools to less than 125°C, the ADP2116
resumes normal operation after the soft start sequence.
MAXIMUM DUTY CYCLE OPERATION
As the input voltage drops and approaches the output voltage,
the ADP2116 smoothly transitions to maximum duty cycle
operation, with the low-side, N-channel MOSFET switched on
for the minimum off time. In maximum duty cycle operation,
the output voltage dips below regulation because the output
voltage is the product of the input voltage and the maximum
duty cycle limitation. The maximum duty cycle limit is a function
of the switching frequency and the input voltage, as shown in
Figure 64.
SYNCHRONIZATION
The ADP2116 can be synchronized to an external clock such
that the two channels operate at a switching frequency that is
half of the input synchronization clock. The SYNC/CLKOUT
pin can be configured as an input SYNC pin or an output
CLKOUT pin through the SCFG pin, as detailed in Table 6.
Through the input SYNC pin, the ADP2116 can be synchronized
to an external clock such that the two channels switch at half
the external clock frequency and are 180° out of phase. Through
the output CLKOUT pin, the ADP2116 provides an output clock
that is twice the switching frequency of the channels and 90°
out of phase. Therefore, a single ADP2116 configured for the
CLKOUT option acts as the master converter and provides an
external clock for all other dc-to-dc converters (including other
ADP2116 devices). These other converters are configured as
slaves that accept an external clock and synchronize to it. This clock
distribution approach synchronizes all dc-to-dc converters in the
system and prevents beat harmonics that can lead to EMI issues.
The ADP2116 is optimized to power high performance signal
chain circuits. The slew rate of the switch node is controlled by
the size of the driver devices. Fast slewing of the switch node is
desirable to minimize transition losses but can, in turn, lead to
serious EMI issues due to parasitic inductance. To minimize
EMI generation, the slew rate of the drivers is optimized such
that the ADP2116 can match the performance of low dropout
regulators in supplying sensitive signal chain circuits while also
providing excellent power efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com