Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADP2116
Rev. 0 | Page 24 of 36
SETTING THE OSCILLATOR FREQUENCY
The ADP2116 channels can be set to operate in one of three
preset switching frequencies: 300 kHz, 600 kHz, or 1.2 MHz.
For 300 kHz operation, connect the FREQ pin to GND. For
600 kHz or 1.2 MHz operation, connect a resistor between the
FREQ pin and GND (see Table 5).
Table 5. Oscillator Frequency Setting
RFREQ ± 5%
fSW (kHz)
0 Ω to GND
300
8.2 kΩ to GND
600
27 kΩ to GND
1200
The choice of the switching frequency depends on the required dc-
to-dc conversion ratio and the need for small external components.
In addition, due to the minimum on and off times required for
current sensing and robust operation, the frequency is limited
by the minimum and maximum controllable duty cycle (see
Figure 64).
100
90
80
70
60
50
40
30
20
10
0
200
400
600
800
1000
1200
SWITCHING FREQUENCY (kHz)
MAXIMUM LIMIT
MINIMUM LIMIT, VIN = 2.75V
MINIMUM LIMIT, VIN = 3.3V
MINIMUM LIMIT, VIN = 5.5V
Figure 64. Duty Cycle Working Limits
For small, area-limited power solutions, use of higher switching
frequencies is recommended. For single-output, multiphase
applications that operate at close to 50% duty cycle, use a 1.2 MHz
switching frequency to minimize crosstalk between the phases.
SYNCHRONIZATION AND CLKOUT
The ADP2116 can be configured to output an internal clock or
to synchronize to an external clock at the SYNC/CLKOUT pin.
The SYNC/CLKOUT pin is a bidirectional pin configured by
the SCFG pin (see Table 6).
Table 6. SYNC/CLKOUT Configuration Setting
SCFG
SYNC/CLKOUT
GND
Input (SYNC)
VDD
Output (CLKOUT)
The converter switching frequency, fSW, is half of the synchro-
nization frequency, fSYNC or fCLKOUT, as shown in Equation 4,
irrespective of whether SYNC/CLKOUT is configured as an
input or an output.
fSYNC (or fCLKOUT) = 2 × fSW
(4)
An external clock can be applied to the SYNC/CLKOUT pin when
configured as an input to synchronize multiple ADP2116 devices
to the same external clock. The fSYNC range is 400 kHz to 4 MHz,
which produces fSW in the 200 kHz to 2 MHz range (see Figure 65).
VDD
SYNC
SCFG
FREQ
27k
Ω
(
fSW = fSYNC/2)
ADP2116
VDD
SYNC
SCFG
FREQ
27k
Ω
(
fSW = fSYNC/2)
ADP2116
TO OTHER ADP2116 DEVICES
VIN
fSYNC
EXTERNAL CLOCK (2.4MHz)
Figure 65. Synchronization with External Clock (fSW = 1.2 MHz)
When synchronizing to an external clock, the switching frequency
(fSW) must be set close to half of the expected external clock fre-
quency by appropriately terminating the FREQ pin (see Table 5).
The ADP2116 can also be configured to output a clock signal on
the SYNC/CLKOUT pin that can be used to synchronize multiple
ADP2116 devices (see Figure 66). The CLKOUT signal is 90°
phase shifted relative to the internal clock of the channels so
that the master ADP2116 and the slave channels are out of
phase (see Figure 67 for additional information).
VDD
SYNC
SCFG
FREQ
8.2k
Ω
(
fSW = fSYNC/2)
ADP2116
VDD
CLKOUT
SCFG
FREQ
8.2k
Ω
(
fCLKOUT = 2 × fSW)
ADP2116
VIN
fSYNC = 2 × fSW
TO OTHER ADP2116 DEVICES
Figure 66. ADP2116 to Synchronize with Another ADP2116
(fSW = 600 kHz; the SCFG Pin of the Master Is Tied to VDD)
CH3 5.0V
CH1 5.0V
CH4 5.0V
M1.0µs
A CH4
3.00V
4
3
1
CHANNEL 1 SW
CHANNEL 2 SW
INTERNAL CLKOUT
B
W
B
W
B
W
Figure 67. CLKOUT Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com