Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADP2116
Rev. 0 | Page 10 of 36
50
75
100
125
150
175
200
225
250
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
fSW = 300kHz
fSW = 600kHz
fSW = 1.2MHz
Figure 14. Minimum On Time, Open Loop, Includes Dead Time
150
170
190
210
230
250
270
290
310
330
350
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
fSW = 300kHz
fSW = 600kHz
fSW = 1.2MHz
Figure 15. Minimum Off Time, Open Loop, Includes Dead Time
0
20
40
60
80
100
120
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
+125°C
+115°C
+85°C
+25C
–40°C
Figure 16. High-Side PMOS Resistance vs. Input Voltage, Includes Bond Wires
270
280
290
300
310
320
330
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
Figure 17. Switching Frequency vs. Input Voltage, fSW = 300 kHz
540
560
580
600
620
640
660
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
Figure 18. Switching Frequency vs. Input Voltage, fSW = 600 kHz
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
0
5
10
15
20
25
30
35
40
45
50
+125°C
+115°C
+85°C
+25C
–40°C
Figure 19. Low-Side NMOS Resistance vs. Input Voltage, Includes Bond Wires



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com