Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ADP2116
Rev. 0 | Page 23 of 36
CONVERTER CONFIGURATION
SELECTING THE OUTPUT VOLTAGE
To set the output voltage, VOUT1 or VOUT2, select one of the six
fixed voltages, as shown in Table 4, by connecting the V1SET or
V2SET pin to GND through a resistor of an appropriate value
(see Figure 62). V1SET and V2SET set the voltage output levels
for Channel 1 and Channel 2, respectively. The feedback pin,
FB1 or FB2, should be directly connected to VOUT1 or VOUT2.
Table 4. Output Voltage Programming
RV1SET ± 5%
VOUT1 (V)
RV2SET ± 5%
VOUT2 (V)
0 Ω to GND
0.8
0 Ω to GND
0.8
4.7 kΩ to GND
1.2
4.7 kΩ to GND
1.2
8.2 kΩ to GND
1.5
8.2 kΩ to GND
1.5
15 kΩ to GND
1.8
15 kΩ to GND
1.8
27 kΩ to GND
2.5
27 kΩ to GND
2.5
47 kΩ to GND
3.3
47 kΩ to GND
3.3
82 kΩ to GND
0.6 to <1.6
(adjustable)
82 kΩ to GND
0.6 to <1.6
(adjustable)
0 Ω to VDD
1.6 to 3.3
(adjustable)
0 Ω to VDD
1.6 to 3.3
(adjustable)
If the required output voltage, VOUT1 or VOUT2, is in the adjustable
range, from 0.6 V to <1.6 V, connect V1SET or V2SET through
an 82 kΩ resistor to GND. For the adjustable output voltage range
of 1.6 V to 3.3 V, tie V1SET or V2SET to VDD (see Table 4). The
adjustable output voltage of the ADP2116 is externally set by a
resistive voltage divider from the output voltage to the feedback
pin (see Figure 63). The ratio of the resistive voltage divider sets
the output voltage, whereas the absolute value of these resistors
sets the divider string current. For lower divider string currents,
the small 10 nA (100 nA maximum) feedback bias current should
be taken into account when calculating the resistor values. The
feedback bias current can be ignored for a higher divider string
current; however, this degrades efficiency at very light loads.
To limit output voltage accuracy degradation due to feedback
bias current to less than 0.05% (0.5% maximum), ensure that
the divider string current is greater than 20 μA. To calculate the
desired resistor values, first determine the value of the bottom
divider string resistor, R1, using the following equation:
R1 = VREF/ISTRING
(2)
where:
VREF is the internal reference voltage, 0.6 V.
ISTRING is the resistor divider string current.
When R1 is determined, calculate the value of the top resistor, R2,
using the following equation:
⎥
⎦
⎤
⎢
⎣
⎡
−
=
REF
REF
OUT
V
V
V
R1
R2
(3)
VOUT1/VOUT2
L
RV1SET/
RV2SET
VIN
RFREQ
GND
V1SET/
V2SET
VINx
SWx
FB1/FB2
PGNDx
COMP1/
COMP2
ADP2116
Figure 62. Configuration for Fixed Outputs
VOUT1/VOUT2
L
R2
R1
RV1SET/
RV2SET
VIN
RFREQ
GND
V1SET/
V2SET
VINx
SWx
FB1/FB2
PGNDx
COMP1/
COMP2
ADP2116
Figure 63. Configuration for Adjustable Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com