Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADP2116
Rev. 0 | Page 11 of 36
270
280
290
300
310
320
330
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 2.75V
VIN = 5.5V
Figure 20. Switching Frequency vs. Temperature, fSW = 300 kHz
540
560
580
600
620
640
660
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 2.75V
VIN = 5.5V
Figure 21. Switching Frequency vs. Temperature, fSW = 600 kHz
1100
1120
1140
1160
1180
1200
1220
1240
1260
1280
1300
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
Figure 22. Switching Frequency vs. Input Voltage, fSW = 1.2 MHz
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
ENABLE; VIN = 5.5V
ENABLE; VIN = 2.75V
DISABLE; VIN = 5.5V
DISABLE; VIN = 2.75V
Figure 23. Enable/Disable Threshold vs. Temperature
2.3
2.4
2.5
2.6
2.7
2.8
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD FALLING
VDD RISING
Figure 24. UVLO Threshold vs. Temperature
1100
1120
1140
1160
1180
1200
1220
1240
1260
1280
1300
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 2.75V
VIN = 5.5V
Figure 25. Switching Frequency vs. Temperature, fSW = 1.2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com