Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ADP2116
Rev. 0 | Page 15 of 36
BASIC FUNCTIONALITY
CH3 2.0V
CH2 10mV
CH4 500mA
M4µs 1.25GS/s A CH3
4.32V
4
2
3
SW
VOUT, AC
INDUCTOR CURRENT
IT 400ps/pt
Ω
B
W
B
W
B
W
Figure 41. Pulse Skip Mode, 110 mA Load
CH3 2.0V
CH2 20mV
CH4 500mA
M1µs 1.25GS/s A CH3
2.52V
4
2
3
IT 100ps/pt
Ω
B
W
B
W
B
W
VOUT, AC
SW
INDUCTOR CURRENT
Figure 42. Forced PWM Mode, CCM Operation, 200 mA Load, fSW = 600 kHz
CH3 2V
CH2 20mV
CH4 500mA
M1µs 1.25MS/s
IT 100ps/pt
A CH3
4.32V
4
2
3
VOUT, AC
SW
INDUCTOR CURRENT
Ω
B
W
B
W
B
W
Figure 43. Pulse Skip Enabled, DCM Operation, 200 mA Load, fSW = 600 kHz
CH3 5.0V
CH1 5.0V
CH2 1.0V
CH4 2.0V
M1.0ms 10MS/s
A CH1
2.4V
4
3
1
2
100ns/pt
B
W
B
W
B
W
B
W
SW1, SW2
EN1
SS1
VOUT1
Figure 44. Soft Start, Channel 1: VOUT = 1.8 V, CSS1 = 10 nF
CH3 5.0V
CH1 5.0V
CH2 1.0V
CH4 500mV
M200µs 50MS/s
A CH1
2.4V
4
3
1
2
SW1, SW2
20.0ns/pt
B
W
B
W
B
W
B
W
EN1
VOUT1
SS1
Figure 45. Soft Start with Precharged Output
CH3 5.0V
CH2 1.0V
CH4 2.0A
M1.0ms 50MS/s
20ns/pt
A CH2
1.12V
2
3
4
Ω
B
W
B
W
B
W
VOUT2
SW3, SW4
INDUCTOR CURRENT
Figure 46. Current Limit Entry,
Channel 2: VOUT = 1.8 V, 2 A Configuration, fSW = 600 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com