Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ADP2116
Rev. 0 | Page 19 of 36
SIMPLIFIED BLOCK DIAGRAM
THERMAL
SHUTDOWN
OTSD
VDD
UVLO
UVLO
GND
HICCUP
TIMER
GATE
CONTROL
LOGIC AND
MOSFET
DRIVERS
WITH
ANTI-SHOOT-
THROUGH
PROTECTION
SLOPE
COMPENSATION/
RAMP GENERATOR
VOUT
SELECTOR
UVLO
OSC_CH1
PULSE SKIP
ENABLE
OTSD
SCFG
OPCFG
EN1
COMP1
FREQ
SYNC/CLKOUT
OSC
PHASE
SHIFT
CURRENT LIMIT/
CONFIGURATION
OSC_CH1
OSC_CH2
CLIM_CH1
CLIM_CH2
PULSE SKIP ENABLE
PGOOD1
VFB1
0.7V
0.5V
SW1
VIN1
VIN2
VIN3
SW2
PGND1
PGND2
PMOS
NMOS
PWM
COMPARATOR
CURRENT-
LIMIT
COMPARATOR
CURRENT-SENSE
AMPLIFIER
CHANNEL 1
CLIM_CH1
V1SET
FB1
–
+
+
VFB1
gm ERROR
AMPLIFIER
VREF = 0.6V
VDD
ISS =
6µA
–
+
POWER
STAGE
SS1
HICCUP
TIMER
GATE
CONTROL
LOGIC AND
MOSFET
DRIVERS
WITH
ANTI-SHOOT-
THROUGH
PROTECTION
SLOPE
COMPENSATION/
RAMP GENERATOR
VOUT
SELECTOR
UVLO
OSC_CH2
PULSE SKIP
ENABLE
OTSD
EN2
COMP2
PGOOD2
VFB2
0.7V
0.5V
SW3
VIN4
VIN5
VIN6
SW4
PGND3
PGND4
PMOS
NMOS
PWM
COMPARATOR
CURRENT-
LIMIT
COMPARATOR
CURRENT-SENSE
AMPLIFIER
CHANNEL 2
CLIM_CH2
V2SET
FB2
–
+
+
VFB2
gm ERROR
AMPLIFIER
VREF = 0.6V
VDD
ISS =
6µA
–
+
POWER
STAGE
SS2
Figure 57. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com