Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2116ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Configurable, Dual 3 A/Single 6 A,
Synchronous, Step-Down DC-to-DC Regulator
ADP2116
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Configurable 3 A/3 A or 3 A/2 A dual-output load
combinations or 6 A combined single-output load
High efficiency: up to 95%
Input voltage, VIN: 2.75 V to 5.5 V
Selectable fixed output voltage of 0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V,
or 3.3 V, or adjustable output voltage to 0.6 V minimum
±1.5% accurate reference voltage
Selectable switching frequency of 300 kHz, 600 kHz, 1.2 MHz,
or synchronized from 200 kHz to 2 MHz
Optimized gate slew rate for reduced EMI
External synchronization input or internal clock output
Dual-phase, 180° phase-shifted PWM channels
Current mode for fast transient response
Pulse skip mode with light loads or forced PWM operation
Input undervoltage lockout (UVLO)
Independent enable inputs and power-good outputs
Overcurrent and thermal overload protection
Programmable soft start
32-lead, 5 mm × 5 mm LFCSP package
APPLICATIONS
Point-of-load regulation
Telecommunications and networking systems
Consumer electronics
Industrial and instrumentation
Medical
GENERAL DESCRIPTION
The ADP2116 is a versatile, synchronous, step-down switching
regulator that satisfies a wide range of customer point-of-load
requirements. The two PWM channels can be configured to deliver
independent outputs at 3 A and 3 A (or at 3 A and 2 A) or can be
configured as a single interleaved output capable of delivering 6 A.
The two PWM channels are 180° phase shifted to reduce input
ripple current and input capacitance.
The ADP2116 provides high efficiency and can operate at
switching frequencies of up to 2 MHz. At light loads, the ADP2116
can be set to operate in pulse skip mode for higher efficiency or
in forced PWM mode for noise sensitive applications.
The ADP2116 is designed with an optimized slew rate to reduce
EMI emissions, allowing the device to power sensitive, high perfor-
mance signal chain circuits. The switching frequency can be set
to 300 kHz, 600 kHz, or 1.2 MHz, or it can be synchronized to an
external clock that minimizes the system noise. The bidirectional
TYPICAL APPLICATION CIRCUIT
30k
Ω
820pF
30k
Ω
820pF
47µF
22µF
VOUT1 = 2.5V, 3A
fSW = 600kHz
3.3µH
100µF
22µF
22µF
1µF
47µF
VOUT2 = 1.2V, 3A
2.2µH
VIN = 5V
10
Ω
100k
Ω
100k
Ω
27k
Ω
V1SET
4.7k
Ω
VIN1
VIN2
VIN3
SW1
SW2
FB1
COMP1
SS1
EN1
COMP2
PGND4
PGND3
FB2
V2SET
SYNC/CLKOUT
SW4
SW3
VIN6
VIN5
VIN4
EN2
PGOOD2
ADP2116
PGOOD2
SYNC
PGOOD1
8.2k
Ω
SS2
10nF
10nF
PGND1
PGND2
PGOOD1
Figure 1.
100
60
70
75
65
80
85
90
95
10
100
1k
10k
LOAD CURRENT (mA)
VIN = 3.3V; VOUT = 1.2V
VIN = 5.0V; VOUT = 3.3V
VIN = 5.0V; VOUT = 2.5V
fSW = 600kHz
Figure 2. Typical Efficiency vs. Load Current
synchronization pin is also configurable as a 90° out-of-phase
output clock, providing the possibility for a stackable
multiphase power solution.
The ADP2116 input voltage range is from 2.75 V to 5.5 V and can
convert to a fixed output of 0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, or 3.3 V
that can be set independently for each channel using external
resistors. If a resistor divider is used, the output voltage can be
set as low as 0.6 V. The ADP2116 operates over the −40°C to
+125°C junction temperature range.


Similar Part No. - ADP2116ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114-2PH-EVALZ AD-ADP2114-2PH-EVALZ Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114-EVALZ AD-ADP2114-EVALZ Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2114ACPZ-R7 AD-ADP2114ACPZ-R7 Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2118 AD-ADP2118 Datasheet
1Mb / 24P
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
More results

Similar Description - ADP2116ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
3 A DC step-down switching regulator
10-Oct-2013
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
7 A Synchronous DC-DC Step down Regulator,
logo
Analog Devices
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
4/2017-Rev. B to Rev. C
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com