Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADP2116
Rev. 0 | Page 6 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
GND
2
COMP1
3
FREQ
4
SCFG
5
SYNC/CLKOUT
6
OPCFG
7
COMP2
8
VDD
24 SW1
23 SW2
22 PGND1
21 PGND2
20 PGND3
19 PGND4
18 SW3
17 SW4
TOP VIEW
(Not to Scale)
ADP2116
THERMAL PAD
NOTES
1. CONNECT THE EXPOSED THERMAL PAD TO THE
SIGNAL/ANALOG GROUND PLANE.
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground for the Internal Analog and Digital Circuits. Connect GND to the signal/analog ground plane before connecting
to the power ground.
2
COMP1
Error Amplifier Output for Channel 1. Connect a series RC network from COMP1 to GND to compensate the control
loop of Channel 1. For multiphase operation, tie COMP1 and COMP2 together.
3
FREQ
Frequency Select Input. Connect this pin through a resistor to GND to set the appropriate switching frequency
(see Table 5).
4
SCFG
Synchronization Configuration Input. SCFG configures the SYNC/CLKOUT pin as an input or output. Tie this pin to
VDD to configure SYNC/CLKOUT as an output. Tie this pin to GND to configure SYNC/CLKOUT as an input.
5
SYNC/CLKOUT
External Synchronization Input/Internal Clock Output. This bidirectional pin is configured with the SCFG pin (see the
Pin 4 description for details). When this pin is configured as an output, a buffered clock of twice the switching frequency
with a phase shift of 90° is available on this pin. When configured as an input, this pin accepts an external clock to which
the converters are synchronized. The frequency select resistor, mentioned in the description of Pin 3, must be selected
to be close to the expected switching frequency for stable operation (see the Setting the Oscillator Frequency section).
6
OPCFG
Operation Configuration Input. Connect this pin to VDD or through a resistor to GND to set the system mode of
operation according to Table 7. This pin can be used to select a peak current limit for each power channel and to
enable or disable the pulse skip mode.
7
COMP2
Error Amplifier Output for Channel 2. Connect a series RC network from COMP2 to GND to compensate the control
loop of Channel 2. For multiphase operation, tie COMP1 and COMP2 together.
8
VDD
Power Supply Input. The power source for the ADP2116 internal circuitry. Connect VDD and VINx with a 10 Ω resistor
as close as possible to the ADP2116. Bypass VDD to GND with a 1 μF or greater capacitor.
9
FB2
Feedback Voltage Input for Channel 2. For the fixed output voltage option, connect FB2 to VOUT2. For the adjustable
output voltage option, connect this pin to a resistor divider between VOUT2 and GND. The reference voltage for the
adjustable output voltage option is 0.6 V. With multiphase configurations, the FB2 and FB1 pins should be tied
together and then connected to VOUT.
10
V2SET
Output Voltage Set Pin for Channel 2. To select a fixed output voltage option (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, or 3.3 V)
for VOUT2, connect this pin through a resistor to GND (see Table 4 for details). To select an adjustable output voltage
for VOUT2, connect this pin to GND through an 82 kΩ resistor or tie this pin directly to VDD depending on the
output voltage desired.
11
SS2
Soft Start Input for Channel 2. Place a capacitor from SS2 to GND to set the soft start period. A 10 nF capacitor
sets a 1 ms soft start period. For multiphase configuration, connect SS2 to SS1.
12
PGOOD2
Open-Drain Power-Good Output for Channel 2. Place a 100 kΩ pull-up resistor to VDD or to any other voltage that is
5.5 V or less; PGOOD2 is held low when Channel 2 is out of regulation.
13
EN2
Enable Input for Channel 2. Drive EN2 high to turn on the Channel 2 converter; drive EN2 low to turn off the Channel 2
converter. Tie EN2 to VDD for startup with VDD. When using a multiphase configuration, connect EN2 to EN1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com