Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADP2116
Rev. 0 | Page 26 of 36
EXTERNAL COMPONENTS SELECTION
INPUT CAPACITOR SELECTION
The input current to a buck converter is pulsating in nature. The
current is zero when the high-side switch is off and approximately
equal to the load current when the high-side switch is on. Because
this pulsation occurs at reasonably high frequencies (300 kHz to
1.2 MHz), the input bypass capacitor supplies most of the high
frequency current (ripple current), allowing the input power source
to supply only the average (dc) current. The input capacitor needs a
sufficient ripple current rating to handle the input ripple, as well
as an ESR that is low enough to mitigate the input voltage ripple.
For the ADP2116, place a 22 μF, 6.3 V X5R ceramic capacitor
close to the VINx pin for each channel. X5R or X7R dielectrics
are recommended with a voltage rating of 6.3 V or 10 V. Y5V
and Z5U dielectrics are not recommended due to their poor
temperature and dc bias characteristics.
VDD RC FILTER
It is recommended that the input power, VIN, be apply to the
VDD pin through a low-pass RC filter, as shown in Figure 68.
Connecting a 10 Ω resistor in series with VIN and a 1 μF, 6.3 V X5R
(or X7R) ceramic capacitor between VDD and GND creates a
16 kHz (−3 dB) low-pass filter that effectively attenuates voltage
glitches on the input power rail caused by the switching regulator.
This provides a clean power supply to the internal, sensitive analog
and digital circuits in the ADP2116, ensuring robust operation.
VDD
GND
ADP2116
1µF
10
Ω
VIN
Figure 68. Low-Pass Filter at VDD
INDUCTOR SELECTION
The high switching frequency of the ADP2116 allows for minimal
output voltage ripple even with small inductors. The size of the
inductor is a trade-off between efficiency and transient response. A
small inductor leads to larger inductor current ripple that provides
excellent transient response but degrades efficiency. Due to the
high switching frequency of the ADP2116, shielded ferrite core
inductors are recommended for their low core losses and low EMI.
As a guideline, the inductor peak-to-peak current ripple, ΔIL, is
typically set to be one-third of the maximum load current for
optimal transient response and efficiency.
3
)
(
)
(MAX
LOAD
SW
IN
OUT
IN
OUT
L
I
L
f
V
V
V
V
I
≈
×
×
−
×
=
Δ
)
(
)
(
3
MAX
LOAD
IN
SW
OUT
IN
OUT
IDEAL
I
V
f
V
V
V
L
×
×
−
×
×
=
⇒
(5)
where:
VIN is the input voltage on the VINx terminal.
VOUT is the desired output voltage.
fSW is the converter switching frequency.
The internal slope compensation introduces additional limitations
on the optimal inductor value for stable operation because the
internal ramp is scaled for each VOUT setting. The limits for
different VIN, VOUT, and fSW combinations are listed in Table 8.
Table 8. Minimum and Maximum Inductor Values
fSW (kHz)
VIN (V)
VOUT (V)
Min L (μH)
Max L (μH)
300
5
3.3
6.8
10
300
5
2.5
5.6
15
300
3.3
2.5
5.6
6.8
300
5
1.8
4.7
12
300
3.3
1.8
4.7
8.2
300
5
1.5
2.2
12
300
3.3
1.5
2.2
8.2
300
5
1.2
2.2
10
300
3.3
1.2
2.2
8.2
300
5
0.8
1.5
6.8
300
3.3
0.8
1.5
6.8
600
5
3.3
3.3
4.7
600
5
2.5
3.3
6.8
600
3.3
2.5
3.3
3.3
600
5
1.8
2.2
6.8
600
3.3
1.8
2.2
3.3
600
5
1.5
1.5
5.6
600
3.3
1.5
1.5
4.7
600
5
1.2
1.5
4.7
600
3.3
1.2
1.5
3.3
600
5
0.8
1.0
3.3
600
3.3
0.8
1.0
3.3
1200
5
2.5
1.0
3.3
1200
5
1.8
1.0
3.3
1200
3.3
1.8
1.0
2.2
1200
5
1.5
0.8
2.2
1200
3.3
1.5
0.8
2.2
1200
5
1.2
0.8
2.2
1200
3.3
1.2
0.8
2.2
1200
5
0.8
0.47
1.5
1200
3.3
0.8
0.47
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com