Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2116ACPZ-R7
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2116ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2116ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADP2116
Rev. 0 | Page 9 of 36
LINE AND LOAD REGULATION
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
Figure 8. Load Regulation, Channel 1: VIN = 5 V, fSW = 600 kHz, and TA = 25°C
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
3.5
4.0
4.5
5.0
5.5
VIN (V)
Figure 9. Line Regulation, Channel 1: Load Current = 3 A and fSW = 600 kHz
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 2.75V, 3A LOAD
VIN = 5.5V, NO LOAD
Figure 10. Output Voltage Error vs. Temperature,
Channel 1: VOUT = 0.6 V and fSW = 600 kHz
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
Figure 11. Load Regulation, Channel 2: VIN = 5 V, fSW = 600 kHz, and TA = 25°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
Figure 12. Line Regulation, Channel 2: Load Current = 3 A and fSW = 600 kHz
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 2.75V, 2A LOAD
VIN = 5.5V, NO LOAD
Figure 13. Output Voltage Error vs. Temperature,
Channel 2: VOUT = 1.5 V and fSW = 600 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com