Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 6 Page - Lite-On Technology Corporation

Back Button ASDL-7021 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 9Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 10Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
Block Name
Base Address
Offset
Register Name
IrDA
0x0000
0000h
IRBA0R(IR Base Address0 Register)
000h
IRBAR(IR Base Address Register)
000h
IRBAR(IR Base Address Register)
000h
IRRSR(IR Ring Size Register)
0004h
IRPLC0R(IR Physical Layer Config0 Register) (unused)
0005h
IRPLCR(IR Physical Layer Config Register) (unused)
0006h
IRPLCR(IR Physical Layer Config Register)
0007h
IRPLCR(IR Physical Layer Config Register)
0008h
IRC0R(IR Config0 Register)
0009h
IRCR (IR Config Register)
000Ah
IRCR (IR Config Register)
000Bh
IRCR (IR Config Register)(unused)
000Ch
IRE0R(IR Enable0 REG.)
000Dh
IRER (IR EnableREG.)
000Eh
IRMPL0R(IR Max Packet Length0 REG.)
000Fh
IRMPLR (IR Max Packet LengthREG.)
000h
IRRP0R(IR Ring Prompt0 REG.)
00h
IRRPR (IR Ring Prompt Register REG.) (unused)
00h
IRRPR (IR Ring Prompt Register REG.) (unused)
00h
IRRPR (IR Ring Prompt Register REG.) (unused)
004h
IRRBC0R(IR Receive Byte Count0 REG.)
005h
IRRBCR (IR Receive Byte Count REG.)
006h
IRRRPR0R(IR Rx Ring Pointer Readback REG.)
007h
IRTRPR0R (IR Tx Ring Pointer Readback REG.)
008h
IRSF0R(IR SIR Flags0 REG.)
009h
IRSFR (IR SIR Flags REG.)
00Ah
IRLPC0R(IR Latched Phy Config0 REG.)
00Bh
IRLPCR (IR Latched Phy Config REG.)
00Ch
IRAC0R(IR Address Compare0 REG.)
00Dh
IRACR (IR Address Compare REG.)
00Eh
IRACR (IR Address Compare REG.)
00Fh
IRACR (IR Address Compare REG.)
000h
IRLT0R(IR Latency Timer0 REG.)
00h
IRLTR (IR Latency Timer REG.)
00h
IRLTR (IR Latency Timer REG.)
00h
IRLTR (IR Latency Timer REG.)
004h
IRLIV0R(IR LED Indicator and Rx value0 REG.)
005h
IRLIVR (IR LED Indicator and Rx value REG.) (unused)
006h
IRLIVR (IR LED Indicator and Rx value REG.) (unused)
007h
IRLIVR (IR LED Indicator and Rx value REG.) (unused)
008h
IRCS0R(IR Clock Speed0 REG.)
009h
IRCSR (IR Clock Speed REG.)
00Ah
IRCSR (IR Clock Speed REG.) (unused)
00Bh
IRCSR (IR Clock Speed REG.) (unused)
00Ch
IRPM0R(IR Power management REG.)
00Dh
IRPMR (IR Power management REG.) (unused)
00Eh
IRPMR (IR Power management REG.) (unused)
00Fh
IRPMR (IR Power management REG.) (unused)
000h
IRIS0R(Interrupt status read back0 REG.)
00h
IRISR (Interrupt status read back REG.) (unused)
00h
IRISR (Interrupt status read back REG.) (unused)
00h
IRISR (Interrupt status read back REG.) (unused)
004h
IRIE0R (Interrupt enable read back0 REG.)
005h
IRIER (Interrupt enable read back REG.) (unused)
006h
IRIER (Interrupt enable read back REG.) (unused)
007h
IRIER (Interrupt enable read back REG.) (unused)
Registers Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com