Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 22 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 22 Page - Lite-On Technology Corporation

Back Button ASDL-7021 Datasheet HTML 15Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 16Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 17Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 18Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 19Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 20Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 21Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 22Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 23Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image

Recommended Reflow Profile
Process Zone
Symbol
DT
Maximum DT/Dtime
or Duration
Heat Up
P, R
5°C to 50°C
°C/s
Solder Paste Dry
P, R
50°C to 00°C
60s to 80s
Solder Reflow
P, R
P, R4
00°C to 55°C
55°C to 00°C
°C/s
-6°C/s
Cool Down
P4, R5
00°C to 5°C
-6°C/s
Time maintained above 7°C
> 7°C
60s to 50s
Peak Temperature
60°C
Time within 5°C of actual Peak Temperature
> 55°C
0s to 40s
Time 5°C to Peak Temperature
5°C to 60°C
8mins
The reflow profile is a straight-line representation of
a nominal temperature profile for a convective reflow
solder process. The temperature profile is divided into
four process zones, each with different DT/Dtime tem-
perature change rates or duration. The DT/Dtime rates
or duration are detailed in the above table. The tempera-
tures are measured at the component to printed circuit
board connections.
In process zone P1, the PC board and ASDL-7021 pins
are heated to a temperature of 150°C to activate the flux
in the solder paste. The temperature ramp up rate, R1,
is limited to 3°C per second to allow for even heating of
both the PC board and ASDL-7021 pins.
Process zone P2 should be of sufficient time duration
(100 to 180 seconds) to dry the solder paste. The temper-
ature is raised to a level just below the liquidus point of
the solder, usually 200°C (392°F).
Process zone P3 is the solder reflow zone. In zone P3,
the temperature is quickly raised above the liquidus
point of solder to 255°C (491°F) for optimum results. The
dwell time above the liquidus point of solder should be
between 20 and 40 seconds. It usually takes about 20
seconds to assure proper coalescing of the solder balls
into liquid solder and the formation of good solder con-
nections. Beyond a dwell time of 40 seconds, the inter-
metallic growth within the solder connections becomes
excessive, resulting in the formation of weak and un-
reliable connections. The temperature is then rapidly
reduced to a point below the solidus temperature of the
solder, usually 200°C (392°F), to allow the solder within
the connections to freeze solid.
Process zone P4 is the cool down after solder freeze.
The cool down rate, R5, from the liquidus point of the
solder to 25°C (77°F) should not exceed 6°C per second
maximum. This limitation is necessary to allow the PC
board and ASDL-7021 pins to change dimensions evenly,
putting minimal stresses on the ASDL-7021.
50
100
150
200
250
300
t-TIME
(SECONDS)
25
80
120
150
180
200
230
255
0
R1
R2
R3
R4
R5
217
MAX 260C
60 sec to 180 sec
Above 217 C
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com