Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 21 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 21 Page - Lite-On Technology Corporation

Back Button ASDL-7021 Datasheet HTML 15Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 16Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 17Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 18Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 19Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 20Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 21Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 22Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 23Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image

Figure 4. Baking Conditions Chart
Baking Conditions
Package
Temp
Time
In bulk
5 °C
≥ 4hours
Baking should only be done once.
Recommended Storage Conditions
Storage Temperature
0°C to 0°C
Relative Humidity
below 60% RH
Time from unsealing to soldering
After removal from the bag, the parts should be soldered
within 7 days if stored at the recommended storage con-
ditions. If times longer than 7 days are needed, the parts
must be stored in a dry box.
Moisture Proof Packaging
All ASDL-7021 options are shipped in moisture proof
package. Once opened, moisture absorption begins.
This part is compliant to JEDEC Level 3.
NO
YES
YES
YES
NO
NO
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS OPENED
(UNSEALED)
PARTS ARE NOT
RECOMMENDED TO
BE USED
ENVIRONMENT
LESS THAN 30C
AND LESS THAN
60%RH
PACKAGE IS
OPENED LESS
THAN 168 HOURS
PACKAGE IS
OPENED LESS
THAN 15 DAYS
PERFORM
RECOMMENDED
BAKING CONDITIONS
NO BAKING IS
NECESSARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com