Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  ASDL-7021 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
Other Signals (VIO1 Voltage)
/RESET
D5
I
I
This RESET signal resets ASDL-70.
/SD
E7
I
I (internal PullDown)
. Low: Shutdown
IC is suspending the clock supply to the core.
The output signal retains the condition.
. High: IC is keeping the clock supply to the core.
However, when the externally connected quartz crystal is used with
CLKSEL=Low, the oscillation of the quartz crystal is kept performed
under the condition of CLKSEL=Low, and SD: Low.
When you want to stop the quartz crystal oscillation, you must set
CLKSEL=High.
. After wake up from SD, the IC must be reset.
CLKSEL
C
I
I
This is used for selecting whether the input signal from CLKIN should be used for the
clock input or whether the quartz crystal should be used at XTALIN and XTALOUT.
Using quartz crystal,
CLKSEL = Low, external quartz crystal is kept under oscillation
CLKSEL = High, external quartz crystal is suspending oscillation
Using CLKIN signal, set CLKSEL = High
Infrared Interface Signal (VIO2 voltage)
IrTXD0
B6
O
O4
This outputs the IrDA infrared signal and remote control send signal.
IrTXD
C7
O
O4
This outputs the IrDA infrared signal and remote control send signal.
IrRXD0
A6
I
I
This inputs a signal from the infrared module.
IrOUT0
B7
O
O4
This is an output signal for controlling the infrared module.
IrOUT
A7
O
O4
This is an output signal for controlling the infrared module.
Clock Signal (VIO3 voltage)
CLKIN
B
I
I
Clock input
Clock Signal (VDDC Voltage)
/XTALIN
A
I
You must connect quartz crystal to create a basic clock or input the clock from outside.
Usually you must connect the quartz crystal between XTALIN and
XTALOUT. The oscillation frequency of the crystal must be 48MHz.
/XTALOUT
A
O
TEST Signal
TEST
B5
I
I (Internal PullDown)
Test signal (Set to N.C).
TEST
A5
I
I (Internal PullDown)
Test signal (Set to N.C).
TEST
A4
I
I (Internal PullDown)
Test signal (Set to N.C).
TESTSE
B4
I
I (Internal PullDown)
Test signal (Set to N.C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com