Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  ASDL-7021 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image

ASDL-7021
IrDAFIR/VFIR Controller in TFBGA Package
Data Sheet
Features
General Features
• Interfaces with IrDACompliant IR Transceiver
up to VFIR
• Miniature 48 pin TFBGA Package
Height : 1.2 mm
Width : 4.0 mm
Depth : 4.0 mm
• 8-bit Memory Mapped Interface
• Input clock of 48 MHz
• 4 transmission speed in 3 Blocks
- SIR Block (2.4 to 115.2Kbps)
- FIR Block (1.152Mbps for MIR and 4Mbps for FIR)
- VFIR Block (16Mbps)
• Operating temperature from -40° C ~ 85°C
- Critical parameters are guaranteed over
temperature and supply voltage
• Core Power Supply = 1.8V
Clock Power Supply = 3.3V
IO Power Supply =1.8V, 2.5V, 3.3V
• RAM Block with On-Chip buffer memory of 8KByte x 2
Bank Configuration
- 1 bank for external access x 8 bit width
- 1 bank for internal access x 8 bit width through
on-chip DMA block
- These 2 banks can be switched
- Each transmit and receive have their own buffer
memory of 8KByte x 2
Description
The ASDL-7021 is a new generation large scale integra-
tion (LSI) IrDA controller supporting speeds of SIR (up
to 115Kbps), MIR(1.152Mbps), FIR(4Mbps) and VFIR
(16Mbps). It consists of IrDA Control Block, Remote
Control Block, Timer Control Block, Global Control block
including Buffer Memory and Direct Memory Access
Control Block (DMA) integrated into one single chip.
It has all the hardware including Buffer Memory and
Direct Memory Access (DMA) that enables convenient
access to its peripheral IO and memories from system bus
which is similar to simple memory devices. ASDL-7021 is
a class of its own as unlike conventional LSI which utilizes
external DMA for implementing fast infrared transfer,
complicated bus timing and required additional logic for
its interface.
ASDL-7021 utilizes two memory banks for external access
and internal DMA access; these 2 banks are interchange-
able to prevent bus contention. These two banks can be
switched using memory select function of the internal
register and separates internal bus from external, which
enables parallel operation of external microcontroller
operation and internal IrDA data transfer operation.
ASDL-7021 has embedded Universal Remote Control (RC)
function for general purpose remote control communica-
tion.
Together with Lite-On FIR transceiver and IrSimple
software, ASDL-7021 is designed to provide Industry
a total solution for high speed wireless connectivity
solution in miniature packaging.
Applications
• Mobile Data Communication and Universal Remote
Control
- Mobile Phones
- PDAs
- Digital Still Camera
- Printer
- Notebooks
- Handy Terminal
- Dongles
- Industrial and Medical Instrument
BANK1
FIR block
CPU
DMA
BANK0
BANK1
FIR block
CPU
DMA


Similar Part No. - ASDL-7021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
ASDL-3007-021 AVAGO-ASDL-3007-021 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
ASDL-3023 AVAGO-ASDL-3023 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
ASDL-3023 LITEON-ASDL-3023 Datasheet
640Kb / 26P
IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3023-008 AVAGO-ASDL-3023-008 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
More results

Similar Description - ASDL-7021

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9405 OKI-MSM9405 Datasheet
147Kb / 30P
IrDA Communication Controller
logo
Sharp Corporation
LZ8520X SHARP-LZ8520X Datasheet
46Kb / 3P
IrDA-Control Single-Chip Host Controller (HC)
logo
Rohm
BU92002GU ROHM-BU92002GU Datasheet
204Kb / 2P
IrDA SIR, FIR Controller IC
logo
Infineon Technologies A...
IRC1802 INFINEON-IRC1802 Datasheet
138Kb / 4P
VFIR 16 Mb/Sec Controller and Transciever
logo
Vishay Siliconix
TFBS6711 VISHAY-TFBS6711 Datasheet
216Kb / 14P
Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications
21-Feb-07
logo
Rohm
RPM973-H11 ROHM-RPM973-H11 Datasheet
129Kb / 3P
Ultra-compact, Ultra-thin Side View FIR-compatible IrDA Module with Built-in Remote Control Transmission Function
logo
Lite-On Technology Corp...
HSDL-7002 LITEON-HSDL-7002 Datasheet
328Kb / 11P
IrDA 3/16 Encode/Decode Integrated Circuit in QFN Package
logo
Rohm
RPM973-H16 ROHM-RPM973-H16 Datasheet
97Kb / 3P
Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module with Built-in Remote Control Transmission Function
RPM973-H16E4A ROHM-RPM973-H16E4A Datasheet
111Kb / 3P
Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module
BU92747XXX ROHM-BU92747XXX Datasheet
1Mb / 46P
IrDA Controller LSI built-in Ir remote control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com