Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 14 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 14 Page - Lite-On Technology Corporation

Back Button ASDL-7021 Datasheet HTML 10Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 11Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 12Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 13Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 14Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 15Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 16Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 17Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 18Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
4
4) Read Operations
Item
Symbol
Min
Max
Unit
Address setting time
tASR
0
ns
Address retaining time
tAHR
0
ns
Data delay time
tDRD
80
ns
Read pulse amplitude
tRDW
80
ns
Output retaining time
tDHW
0
ns
Turnaround time
tOET
50
ns
/CS
A[7:0]
/OE
D[7:0]
/OE
Valid data
tDRD
tDHW
tWTH
tRDW
tASR
tAHR
Valid data
tOET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com