Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  ASDL-7021 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image

Figure 1a. Pin Layout of ASDL-7021
Figure 1b. Pin layout of ASDL-7021 (Top View)
Features (Cont.)
• Infrared Interface Block
- IrDA send/receive functions (IRTX0, IRRX0)
- Remote Control send function (IRTX1)
• DMA Block
- DMA transfer function between buffer memory and
SIR, FIR, VFIR block
• Remote Control Block
Generate Remote Control burst signal
• Timer Block
- 2 channels of generic 16 bit timer
- 1 channel of Mediabusy timer
• Moisture Level 3
• Lead-Free and ROHS Compliant
D1,D2,E2,E1,G1,G2,F1,F2
G3,F3,F4,G4,G5,F7,G6,G7
F6
E5
E6
D7
E7
D5
A6
B6
C7
B7
A7
A3
A2
B2
C1
A1
B3
C3
D3
E3
B1 D6 E4 F5
C2
C4 C5 C6
/XTALIN
/XTALOUT
CLKIN
CLKSEL
IrDA
Transceiver
I/F
IrRXD0
IrTX0 (IrDA)
IrTX1 (Remote)
IrOUT0 (IrMode)
Host
I/F
/CS
A[7:0]
D[7:0]
/WE
/OE
/IRQ
/SD
/RESET
Ir0UT1 (SD)
ASDL-7021
INTERNAL
CLOCK
EXTERNAL
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com