Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  ASDL-7021 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image

Application Support Information
The Application Engineering Group is available to assist you with the application design associated with ASDL-7021
FIR/VFIR Controller. You can contact them through your local sales representatives for additional details.
Order Information
Part Number
Packaging Type
Quantity
ASDL-70
Tape and Reel
4000
I/O Pins Configuration Table
Pins Description
Symbol
Pin(s)
Type
Buffer Type
(Refer to Figure 2)
Description
Power
VDDK
C4,C5,C6
POWER
.8V Power
VDDC
C
POWER
.V Power
VIO
E4,F5
POWER
.8V, .5V, .V
VIO
D6
POWER
.8V, .5V, .V
VIO
B
POWER
.8V, .5V, .V
GND
A,B,C,D,E
POWER
GND
Bus Interface Signals (VIO1 Voltage)
A0-A7
D,D,E,E,
G,G,F,F
I
I
An 8-bit address signal line connects itself directly with an external address bus. It selects the
internal buffer memory and the register addresses of each function module. With the assertion
of the CS signal, A0 - A7 turn out to be valid, which decides the internal addresses.
D0-D7
G,F,F4,G4
G5,F7,G6,G7
I/O
IO4
An 8-bit data signal line connects itself directly with an external data bus. It is a signal that
performs data conversion with the internal buffer memory and each function module.The bus
direction is determined by WE and OE.
/CS
F6
I
I
CS is a chip select signal for the IC. Asserting CS activates the external bus of this LSI.
/WE
E5
I
I
The WE signal turns the direction of a data bus to the input direction, and takes it into the IC for
the internal buffer memory and registers designated by the address bus, at the start-up of the
signal.
/OE
E6
I
I
The OE signal turns the data bus direction to the output direction, and outputs to the data bus
the contents of the internal buffer memory and register designated by the address bus.
/IRQ
D7
O
O4
This is a signal line that notifies to the outside that ASDL-70 requests an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com