Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button ASDL-7021 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 9Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 10Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 11Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 12Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 13Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
VIO= 2.5+/-0.25V, TA=-40 to +85°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Core Power Supply
VDDK
.6
.8
.98
V
Clock Power Supply
VDDC
.97
.
.6
V
IO Power Supply
VIO
.5
.5
.75
V
Input Low Voltage
VIL
0.5*VIO
V
CMOS
Input High Voltage
VIH
0.65*VIO
V
CMOS
Switch Threshold
Vt
.5
V
CMOS
Schmitt-Trigger –ve Threshold
Voltage
Vt-
0.5*VIO
0.94
V
CMOS
Schmitt- Trigger +ve Threshold
Voltage
Vt+
.4
0.65*VIO
V
CMOS
Input Leakage Current
IIN
-0
±
0
µA
VI=VIO or GND
Tri-State Output Leakage Current
IOZ
-0
±
0
µA
VI=VIO or GND
Output Low Voltage
VOL
0.4
V
IOL = . ~8.8mA
Output High Voltage
VOH
.85
V
IOH = . ~8.8mA
Input Pull-Down Resistance
RPD
45
5
90
kΩ
VIN =VIO
VIO= 1.8+/-0.18V, TA=-40 to +85°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Core Power Supply
VDDK
.6
.8
.98
V
Clock Power Supply
VDDC
.97
.
.6
V
IO Power Supply
VIO
.6
.8
.98
V
Input Low Voltage
VIL
0.*VIO
V
CMOS
Input High Voltage
VIH
0.7*VIO
V
CMOS
Switch Threshold
Vt
0.85
V
CMOS
Schmitt-Trigger –ve Threshold Voltage
Vt-
0.*VIO
0.65
V
CMOS
Schmitt- Trigger +ve Threshold Voltage
Vt+
.08
0.7*VIO
V
CMOS
Input Leakage Current
IIN
-0
±
0
µA
VI=VIO or GND
Tri-State Output Leakage Current
IOZ
-0
±
0
µA
VI=VIO or GND
Output Low Voltage
VOL
0.4
V
IOL = 0.7 ~5.6mA
Output High Voltage
VOH
0.75*VIO
V
IOH = 0.7 ~5.6mA
Input Pull-Down Resistance
RPD
80
0
50
kΩ
VIN =VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com