Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 16 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 16 Page - Lite-On Technology Corporation

Back Button ASDL-7021 Datasheet HTML 12Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 13Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 14Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 15Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 16Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 17Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 18Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 19Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 20Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
6
6) Send Pulse Amplitude
Item
Symbol
Conditions
Min
Typ
Max
Unit
SIR send pulse amplitude
9,600bps
tTSPW
/6 pulse amplitude
0.7
0.8
0.9
μs
9,00bps
0.
0.4
0.5
μs
8,400bps
5.6
5.8
5.9
μs
57,600bps
.4
.40
.47
μs
5,00bps
.70
.7
.74
μs
.6μS
pulse amplitude .6μs fixed
Typ register IRPLCR,IRPLCR
PW[4:0] = 0x4E
0.8nsec Step changeable
.665
.7
.769
μs
SIR send cycle
9,600bps
tTSRT
04.0
04.
04.
μs
9,00bps
5.0
5.
5.
μs
8,400bps
5.
6.0
6.
μs
57,600bps
7.
7.
7.4
μs
5,00bps
8.5
8.6
8.7
μs
MIR send pulse amplitude
.5Mbps
tTMPW
Typ register IRPLCR,IRPLCR
PW[4:0] = 0x4E
0.8nsec Step changeable
6
7
8
ns
MIR send cycle
.5Mbps
tTMRT
854
868
875
ns
FIR send pulse amplitude
4Mbps
tTFPW
4
5
6
ns
FIR send cycle
4Mbps
tTFRT
500
ns
VFIR send pulse amplitude
6Mbps
tTFPW
4.0
4.7
4.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com