Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button ASDL-7021 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 9Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 10Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 11Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 12Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 13Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 14Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 15Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image

Clock Standards
Standard values of the system clock input
Frequency: 48MHz ± 100ppm
Input Duty: Must be within 50% ± 5%.
Power-up Procedures
V
t
VDDK(=1.8V)
VDDC,VIO(=1.8 to 3.3V)
V
t
VDDK(=1.8V)
VDDC,VIO(=1.8 to 3.3V)
V
V
Recommended Power-Up Procedure
Allowable Limit of Power-Up Procedure
Turn on the core power supply VDDK before you turn on the VDDC
and VIO power supply and shut it down later
If you want to turn on the core power supply VDDK after you turn on VDDC
and VIO power supply, you must keep V = VIO-VDDK < 0.5V during
the time before VDDK becomes stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com