Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-7021 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # ASDL-7021
Description  IrDA??FIR/VFIR Controller in TFBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-7021 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button ASDL-7021 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 9Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 10Page - Lite-On Technology Corporation ASDL-7021 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
Block Name
Base Address
Offset
Register Name
IrDA
0x0080
(TXFL FIFO)
0000h
TXFL0R(TX Frame Length0 REG.)
000h
TXFLR(TX Frame Length REG.)
000h
Unused
000h
TXSR(TX Status REG.)
0004h
TXFA0R(TX Frame Address0 REG.)
0005h
TXFAR(TX Frame Address REG.)
0006h
TXFAR(TX Frame Address REG.)
0007h
TXFAR(TX Frame Address REG.)
0008h
TXSIR(TX Status IncrementREG.)
0009h
TXFCR(TX Frame Count REG)
IrDA
0x0090
(RXFL FIFO)
0000h
RXFL0R(RX Frame Length0 REG.)
000h
RXFLR(RX Frame Length REG.)
000h
Unused
000h
RXSR(RX Status REG.)
0004h
RXFA0R(RX Frame Address0 REG.)
0005h
RXFAR(RX Frame Address REG.)
0006h
RXFAR(RX Frame Address REG.)
0007h
RXFAR(RX Frame Address REG.)
0008h
RXSIR(RX Status IncrementREG.)
Global Control
0x00A0
0000h
MTDR (Memory Transmit Data REG) Write Only
0000h
MRDR(Memory Receive Data REG) Read Only
000h
MCR(Memory Control REG.)
000h
GISR(Global Interrupt Status REG.)
000h
IRSR (IR Select REG.)
0004h
IOR(Ir Output REG)
0005h
IIR(Ir Input REG)
0006h
ISIER(Ir Sir Interupt Enable REG)
0007h
ISISR(Ir Sir Interupt Status REG)
DMA Control
0x00B0
0000h
DMACR(DMA Control REG)
Remote Control
0x00C0
0000h
RCCCLR(Remote Control Carrier Count Low REG)
000h
RCCCHR(Remote Control Carrier Count High REG)
000h
RCLLR(Remote Control Length Low REG.)
000h
RCLHR(Remote Control Length High REG.)
0004h
RCCR(Remote Control Control REG)
0005h
RCCRCLR(Remote Control Carrier RX Count Low REG)
0006h
RCCRCHR (Remote Control Carrier RX Count High REG)
Timer Control
0x00D0
0000h
TSSR0(Timer Source Setting REG.0)
000h
TIER0(Timer Interrupt Enable REG.0)
000h
TCSR0(Timer Contorol Status REG.0)
000h
TCMLR0(Timer Compare Mach Low REG.0)
0004h
TCMHR0(Timer Compare Mach High REG.0)
0005h
TCLR0(Timer Count Low REG.0)
0006h
TCHR0(Timer Count High REG.0)
0x00E0
0000h
TSSR(Timer Source Setting REG.)
000h
TIER(Timer Interrupt Enable REG.)
000h
TCSR(Timer Contorol Status REG.)
000h
TCMLR(Timer Compare Mach Low REG.)
0004h
TCMHR(Timer Compare Mach High REG.)
0005h
TCLR(Timer Count Low REG.)
0006h
TCHR(Timer Count High REG.)
0x00F0
0000h
TSSR(Timer Source Setting REG.)
000h
TIER(Timer Interrupt Enable REG.)
000h
TCSR(Timer Contorol Status REG.)
000h
TCMLR(Timer Compare Mach Low REG.)
0004h
TCMHR(Timer Compare Mach High REG.)
0005h
TCLR(Timer Count Low REG.)
0006h
TCHR(Timer Count High REG.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com