Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 4 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 4 Page - Davicom Semiconductor, Inc.

  DM562AP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Chip 1: Integrated Processor Unit with PnP
DM6588A Description
The DM6588A Modem Control Unit is designed for
use in high speed internal and external modem
applications. The DM6588A incorporates a 80C32
micro-controller, a virtual 16550A UART with FIFO
mode,
and
Plug
&
Play
control
logic.
The DM6588A MCU performs general modem
control functions, and is also designed to provide
Plug and Play capability for PCI bus systems.
DM6588A Block Diagram
DM6588A Features
•
Control interface support
•
Supports parallel and serial interfaces
•
Includes a 80C32 micro-controller
•
256K bytes maximum external program memory
•
32K bytes data memory built in
•
Provides automatic Plug and Play or software
configuration capabilities
•
Virtual 16550A UART compatible parallel
interface
•
Fully programmable serial interface:
- 6, 7 or 8-bit characters
- Even, odd, mark and none parity bit
generation and detection
- 1 and 2 stop bit generation
- Baud rate generation
- Includes I/O control logic for modem control
interface
Final
4
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com