Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 14 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 14 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 18Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
14
Final
DM6588A Functional Description
1. Operating Mode Selection
The DM6588A can be used in internal or external
modem applications. When operating as an internal
modem, the EXT/INTB input (pin 122) must be
attached to ground, and vice versa (VDD) when
operating as an external modem.
External mode is operated with host by UART.
Internal mode can support parallel (ISA) and PCI
interface to host. The TEST4 input (Pin 1) is for ISA
or PCI selection.
2. Micro-controller Program Memory
The DM6588A supports two bank switch control pins
to switch external program memory among four
banks. The DM6588A can access a total of 256K of
external program memory.
Address mapping:
bank0: 00000H - 0FFFFH
bank1: 10000H - 1FFFFH
bank2: 20000H - 2FFFFH
bank3: 30000H - 3FFFFH
For bank switching, three instructions must be
included in software.
Switch to bank1:
CLR
P1.3
SETB
P1.7
JMP
BANK 1 ADDRESS
Switch to bank2:
CLR
P1.7
SETB
P1.3
JMP
BANK 2 ADDRESS
Switch to bank3:
CLR
P1.7
CLR
P1.3
JMP
BANK 3 ADDRESS
Return to bank 0:
SETB
P1.7
SETB
P1.3
JMP
BANK 0 ADDRESS
* For detailed information about the micro-controller,
refer to the Programmer's Guide to 8032.
3. Micro-controller Power Down Mode
An instruction that sets the register PD (PCON.1) will
cause the 80C32 to enter power down mode. There
are three ways to wake up the 80C32
(1) Positive pulse signal occurring at the reset pin of
the 80C32
(2) Negative pulse occurring at /RI (P1.0) of the
80C32
(3) Programming the PnP Wake Up Controller
Register.
4. Enhanced Internal Direct Memory
There are two 128 byte banks of internal direct
memory in the 80C32. The system uses the lower
128 bytes under normal conditions. Switching to the
upper bank is achieved by loading register 8FH.1
(SFR of the 80C32) with 1. Switching to the lower
bank can be achieved by loading the same register
with 0.
5. Re-flash Program Memory
By setting 8FH.2 the system can switch program and
data memory. If the system uses FLASH memory as
program memory this function is used to re-flash
program code by downloading the program to data
memory then switching them.
Example:
SETB
8FH.2
LJMP
0000H
6. Micro-controller I/O Description
MODEM expansion port: Address C800H (external
only)
Bit7
Bit6
bit5
bit4
bit3
bit2
bit1
bit0
OUT
P3
OUT
P2
OUT
P1
OUT
P0
INP3 INP2 INP1 INP0
Bit0 to Bit3: read only
Bit4 to Bit7: write only
Modem Output Port 1 Register: Address D000H
Write only
Bit7
bit6
bit5
bit4 Bit3
bit2
bit1
bit0
/Voice Voice
-sel2
Voice
-Sel1
/POR
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com