Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 43 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 43 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 47Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
DM6580 Functional Description
In this chip, we could roughly divide it into two major
parts:
digital
portion
and
analog
portion.
The
functional blocks are described separately in this
section. The analog circuits include a sigma-delta
modulator/demodulator,
decimation/interpolation
filters, a speaker driver, low-pass filter and certain
logic circuits. The digital circuits are composed of
Tx/Rx clock generator/PLL, serial port, serial/parallel
conversions and control registers. All the clock
information the analog circuits need should be
provided by the digital clock system since the best
sampling instant of A/D and D/A depends on the
received signal and transmit signals. The data format
of A/D and D/A is 2's complement.
The master clock (FQ) is obtained from an external
signal connected to CLKIN. The different transmit
and receive clocks are obtained by master clock
frequency division in several programmable counters.
The Tx and Rx clocks can be synchronized on
external signals by performing the phase shifts in the
frequency division process. Two independent digital
phase locked loops are implemented using this
principle, one for transmit clock system, the other,
receive clock. The tracking of the transmit clock is
automatically done by the transmit DPLL circuit. The
receive DPLL circuit is controlled by the host
processor and it is actually an adjustable phase
shifter.
DM6580 Register Description
Register
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Programme
Functions
TxCR0
R1
X3
X2
X1
X0
N3
N2
N1
N0
R0
S
T
Tx Data Rate
Clock
TxCR1
Q1
D
M1
M0
Q0
F
Y
U2
U1
U0
Tx Baud
sample Clock
TxCR2
Vol1
Vol2
F1
F0
W
ATT
LTX
LC
SST
EMX
VF
Miscellaneou
s control
TxTest
Reserved
RxCR0
R1
H2
H1
H0
N3
N2
N1
N0
R0
S
T
Rx Data Rate
Clock
RxCR1
Q1
RST
D
M1
M0
Q0
P
Y
U2
U1
U0
Rx Baud
SampleClock
RxCR2
-6dB
LL
PS4
PS3
PS2
PS1
PS0
AP2
AP1
AP0
Rx Phase
Shift Control
RxTest
Reserved
Final
43
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com