Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 46 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 46 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 48Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
46
Final
Package Information
QFP 128L Outline Dimensions
Unit: Inches/mm
L
L1
Detail F
θ
Seating Plane
See Detail F
y
0.10
See Detail A
y
B
e
138
128
103
65
102
D
D1
E1
E
64
39
With Plating
Base
Metal
Detail A
C
B
Symbol
Dimension In Inch
Dimension In mm
A
0.134 Max.
3.40 Max.
A1
0.010 Min.
0.25 Min.
A2
0.112
± 0.005
2.85
± 0.12
B
0.009
± 0.002
0.22
±0.05
C
0.006
± 0.002
0.145
± 0.055
D
0.913
± 0.007
23.20
± 0.20
D1
0.787
± 0.004
20.00
± 0.10
E
0.677
± 0.008
17.20
± 0.20
E1
0.551
± 0.004
14.00
± 0.10
e
0.020 BSC
0.5 BSC
L
0.035
± 0.006
0.88
± 0.15
L1
0.063 BSC
1.60 BSC
y
0.004 Max.
0.10 Max.
θ
0
°~12°
0
°~12°
Note:
1.
Dimension D1 and E1 do not include resin fins.
2.
All dimensions are based on metric system.
3.
General appearance spec. should base itself on final visual inspection spec.
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com