Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 25 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 25 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 29Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Identification ID (xxxxxx00 - PCIID)
31
16
15
0
Dev_ID
Vend_ID
Device ID
Vendor ID
Bit
Default
Type
Description
31:16
6588Ah
RO
_WR
The field identifies the particular device. Unique and fixed number for the
DM6588A is 6588Ah. It is the product number assigned by DAVICOM.
15:0
1282h
RO
_WR
This field identifies the manufacturer of the device. Unique and fixed
number for Davicom is 1282h. It is a registered number from SIG.
Command & Status (xxxxxx04 - PCICS)
31
16 15
0
Status
Command
Status
Command
Status Register Definition:
31
30
29
28
27
26
25
24
23
22
21
20
16
0
0
1
1
0
0
19
1
Detected Parity Error
Signal For System Error
Master Abort Detected
Target Abort Detected
DEVSEL Timing
Data Parity Error Detected
Slave mode Fast back to Back
New Capability
66MHz Capability
User Definable
Send Target Abort
Final
25
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com