Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 24 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 24 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 28Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
24
Final
Version: DM562AP-DS-F03
Vendor ID
Device ID
Status (with bit 4 set to 1)
Command
Revisio
Latency Timer
Cach Line Size
Class Code = 070002
Header Type
BIST
Bass Address Register CBIO
Reserved
00H
04H
08H
0CH
10H
14H
18H
1CH
20H
24H
28H
2CH
30H
34H
38H
3CH
Reserved
Subsystem Vendor ID
Subsystem ID
Reserved
Cap_Ptr
Max_Lat
Min_Gnt
Interrupt Pin = 1
Interrupt Line
Configuration Register Structure
40H
44H
48H
4CH
50H
54H
Power Management Control and Status
Next Item Pointer
Capability ID
Power Management Capability
Reserved
Reserved
Reserved
Reserved
Reserved
Key to Default
In the register description that follows, the default
column takes the form <Reset Value>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
<Access Type>:
RO = Read only
RW = Read/Write
R/C: means Read / Write & Write "1" for Clear.
_WR = Controller Write
_RD = Controller Read
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com