Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 44 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 44 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 48Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
44
Final
DM6580 Absolute Maximum Ratings*
Absolute Maximum Ratings* (25
°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVCC,AVCC
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)
-0.3
3.6
V
TA
Ambient Temperature
0
+70
°C
Tstg
Storage Temperature Rang (Tstg)
-65
+150
°C
LT
Lead Temp. (TL, Soldering, 10 sec.)
-
260
°C
Pb -Free
*Comments
Stresses above those listed under “Absolute
Maximum Ratings"may cause permanent damage
to the device. These are stress ratings only.
Functional operation of this device at these or any
other conditions above those indicated in the
operational section of this specification is not implied
or intended. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
DM6580 DC Electrical Characteristics & Timing Waveforms (VDD = 5V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD
Operating Voltage
4.75
5
5.25
V
VCM
Output Common Mode Voltage
2.5
V
IDD
Supply Current
25
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IiL
Input leakage Current
-2.0
±1.0
2.0
µA
VI=0V,5.25V
CIN
Input Capacitance
5.0
pF
VREF
Differential Reference Voltage
Output
1.9
2.0
2.1
V
VCMD_OUT
Output Common Mode Offset
-200
200
mV
=(TxA1+TxA2)/2-VCM
VDIF_OUT
Differential Output Voltage
3 *VREF
V
TxA1-TxA2
≤ 3*VREF
VOFF_OUT
Differential Output DC Offset
Voltage
-100
100
mV
VDC (TXA1)-VDC
(TXA2)
RIN
Input Resistance RxIN
100
k
Ω
ROUT
Output Resistance TxA1,
TxA2, SPKR
1
2
k
Ω
RL
Load Resistance TxA1, TxA2,
SPKR
20
k
Ω
CL
Load Capacitance TxA1, TxA2,
SPKR
50
pF
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com