Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 16 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 16 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 20Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
16
Final
Version: DM562AP-DS-F03
7. HDLC Description
HDLC RxDataBits Register: Address DC00H
Write only
Once the RxDataBit set to 1, the data in the RxBuffer
will be transferred to RxFIFO.
The transfer bit
number is the same as the programming value of
RxDataBits Register.
HDLC RxBuffer: Address DC01H
Write only
Receive data will be written to the RxBuffer and will
be input to the RxHDLC circuit. The RxBuffer is 16
bytes wide.
HDLC RxFiFo: Address DC01H
Read only
After the data has been passed from the RxBuffer to
the RxHDLC circuit, the RxHDLC circuit will remove
the 7eH patterns and transfer the results to the
RxFIFO. There RxFIFO is 21 bytes wide.
HDLC TxDataBits Register: Address DC02H
Write only
Data written to TxDataBits will be presented to the
TxFIFO. The data in TxFIFO will be transferred to
TXHDLC circuit. The transfer bit number is the same
as the value of TxDataBits register. If the TxFIFO is
empty , a 7e pattern will be loaded to the TxFIFO. If
TxFIFO is not empty and the data frame has the
pattern of five consecutive
“1” , then the TXHDLC
circuit will insert “0” automatically.
HDLC TxFiFo Register: Address DC03H
Write only
The original HDLC frame data will be loaded to the
TxFIFO, presented to the input of the TxHDLC circuit.
The TxFIFO is 21 bytes wide.
HDLC TxBuffer: Address DC03H
Read only
According to TxDataBits, the TxHDLC circuit will
transfer the same number data bits to the TxBuffer.
The TxBuffer is 16 bytes wide.
HDLC CNTL/STATUS Register: Address DC04H
Bit0:TxReady0
0: indicates the data in the TxFIFO has deceased
to zero and the HDLC circuit has transferred the
1
st 7eH pattern.
1:indicates that the TxFIFO data is greater than
or equal to the threshold value.
Bit1:Rxdata
0: all the data in the RxBuffer has been read.
1:Programed by software to indicate that all data
in the RxDataBits register has been written to the
RxBuffer.
Bit2:TxFIFO Threshold
0: TxFIFO threshold No. = 11
1: TxFIFO threshold No. =16
Bit3:TxFiFo Status
0:data No. in TxFIFO >= threshold
1:data No. in TxFIFO <= threshold
Bit4:Txdata
0:A write action to TxDataBites register will clear
this bit.
1:Bit No. in TxBuffer = TxDataBits register.
Bit5: RxFIFO empty
0:data bytes No. in RxFIFO <>0
1:data bytes No. in RxFIFO = 0
Bit6: Reset
0:Normal state
1:reset HDLC circuit
Zero Deletion In
_ buffer register: Address
DC08H
write only
Controller write the original data to this temp buffer.
Zero Deletion Out
_ buffer register: Address
DC08H
read only
Controller read the result data from this buffer
Zero Deletion Status/Rst register: Address DC09H
Bit0: data ready flag (read only)
1:data has been load to out
_ buffer. (clear
automatically by a read from out
_ buffer)
0: data has not been load to out
_ buffer.
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com