Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 30 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 30 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 34Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
30
Final
Version: DM562AP-DS-F03
Capabilities Pointer (Xxxxxx34 - Cap _Ptr)
0
0
0000
11
Cap_Ptr
Offset 34H
0
7
Bit
Default
Type
Description
31:8
000000h
RO
Reserved
7:0
01010000
RO
Capability Pointer
The Cap_Ptr provides an offset (default is 50h) into the function’s PCI
Configuration Space for the location of the first term in the Capabilities
Linked List. The Cap_Ptr offset is DOUBLE WORD aligned so the two least
significant bits significant bits are always “0”s
Interrupt & Latency Configuration (Xxxxxx3c - PCIINT)
31
16
15
0
87
23
24
MAX_LAT
MIN_GNT
INT_PIN
INT_LINE
Maximum Latency Timer
Minimum Grant
Interrupt Pin
Interrupt Line
Bit
Default
Type
Description
31:24
28h
RO
Maximum Latency Timer that can be sustained (Read Only and Read As
28h)
23:16
14h
RO
Minimum Grant
Minimum Length of a Burst Period (Read Only and Read As 14h)
15:8
01h
RO
Interrupt Pin read as 01h to indicate INTA#
7:0
XXh
RW
Interrupt Line that Is Routed to the Interrupt Controller
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com