Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 48 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 48 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 48Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
48
Final
Ordering Information
Part Number
Pin Count
Package
DM6580E
48
LQFP
DM6580EP
48
LQFP(Pb -free)
DM6588AF
128
QFP
DM6588AFP
128
QFP(Pb -free)
Disclaimer
The information appearing in this publication is
believed to be accurate. Integrated circuits sold by
DAVICOM
Semiconductor
are
covered
by
the
warranty
and
patent
indemnification
provisions
stipulated in the terms of sale only. DAVICOM makes
no
warranty,
express,
statutory,
implied
or
by
description
regarding
the
information
in
this
publication or regarding the information in this
publication or regarding the freedom of the described
chip(s)
from
patent
infringement.
FURTHER,
DAVICOM
MAKES
NO
WARRANTY
OF
MERCHANTABILITY
OR
FITNESS
FOR
ANY
PURPOSE. DAVICOM reserves the right to halt
production or alter the specifications and prices at
any time without notice. Accordingly, the reader is
cautioned to verify that the data sheets and other
information in this publication are current before
placing
orders.
Products
described
herein
are
intended for use in normal commercial applications.
Applications
involving
unusual
environmental
or
reliability requirements, e.g. military equipment or
medical life support equipment, are specifically not
recommended
without
additional
processing
by
DAVICOM for such applications. Please note that
application circuits illustrated in this document are for
reference purposes only.
DAVICOM’s terms and conditions printed on the
order
acknowledgment
govern
all
sales
by
DAVICOM. DAVICOM will not be bound by any terms
inconsistent with these unless DAVICOM agrees
otherwise in writing.
Acceptance of the buyer’s
orders shall be based on these terms.
Company Overview
DAVICOM
Semiconductor,
Inc.
develops
and
manufactures integrated circuits for integration into
data communication products. Our mission is to
design and produce IC products that are the
industry’s best value for Data, Audio, Video, and
Internet/Intranet applications. To achieve this goal,
we have built an organization that is able to develop
chipsets in response to the evolving technology
requirements of our customers while still delivering
products that meet their cost requirements.
Products
We offer only products that satisfy high performance
requirements and which are compatible with major
hardware and software standards. Our currently
available and soon to be released products are based
on our proprietary designs and deliver high quality,
high performance chipsets that comply with modem
communication standards and Ethernet networking
standards.
Contacts
For additional information about DAVICOM products, contact the sales department at:
Headquarters
Hsin-chu Office:
No.6, Li-Hsin. Rd. VI,
Science-based Park,
Hsin-chu City, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-6669831
Davicom USA
Santa Clara, California
4633 Old Ironsides Dr., STE 318
Santa Clara, CA 95054, USA.
TEL: 1-408-9809108
FAX: 1-408-9809236
Email: sales@davicom8.com
Email:
sales@davicom.com.tw
WARNING
Conditions beyond those listed for the absolute maximum may destroy or damage the products.
In addition, conditions for sustained
periods at near the limits of the operating ranges will stress and may temporarily (and permanently) affect and damage structure,
performance and/or function.
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com