Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 12 Page - Davicom Semiconductor, Inc.

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Datasheet(HTML) 12 Page - Davicom Semiconductor, Inc.

Back Button DM562AP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM562AP Datasheet HTML 16Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
DM6588A Pin Description-PCI Interface only
Pin No.
Pin Name
I/O
Description
78
POWEROFF
O
Power Off when high
121
INT#
O
PCI Interrupt Request
This signal will be asserted low when an interrupt condition as defined in
CR5 is set and the corresponding mask bit in CR7 is not set.
79
PCLK
I
PCI System Clock
This signal is the PCI bus clock that provides timing for all bus phases.
The frequency is 33MHz.
75
PME#
O
Power Management Event
The signal indicates that a power management event.
124-127,2-5
9-12,14-17
29-32,38-41
51-56,64,65
AD31-AD0
I/O
PCI Address & Data Bus
These are the multiplexed address and data signals.
DM6588A will decode each address on the bus and respond if it is the target
being addressed.
7
IDSEL
I
Initialization Device Select
For the accesses to the configuration address space, the device select
Decoding is done externally and is signaled via this pin. This signal is asserted
high during configuration read and write access.
8
18
28
44
C/BE3#
C/BE2#
C/BE1#
C/BE0#
I
PCI Bus Command/Byte Enable
During the address phase, these signals define the bus command or the type of
the bus transaction that will take place.
During the data phase, these pins indicate which byte lanes contain valid data.
C/BE0# applies to bit7~0 and C/BE3# applies to bit 31~24.
19
FRAME#
I
PCI Cycle Frame
This signal is driven low by the master to indicate the beginning and duration
of a bus transaction. It is de-asserted when the transaction is in its final phase.
21
IRDY#
I
PCI Initiator Ready
This signal is driven low when the master is ready to complete the current data
phase of the transaction. A data phase is completed on any clock both IRDY#
and TRDY# are sampled asserted.
22
TRDY#
I/O
PCI Target Ready
This signal is driven low when the target is ready to complete the current data
phase of the transaction. During a read, it indicates that the valid data is asserted
During write, it indicates that the target prepares to accept data.
23
DEVSEL#
I/O
PCI Device Select
DM6588A asserts the signal low when it recognizes its target address after
FRAME# is asserted.
24
STOP#
I/O
PCI Stop
This signal is asserted low by the target device to request the master device to
stop the current transaction.
25
PERR#
I/O
PCI Parity Error
DM6588A will assert this signal low to indicate a parity error on any incoming
data.
26
SERR#
O
PCI System Error
This signal is asserted low when an address parity is detected with PCICS bit31
enabled. The system error asserts two clock cycles after the address if an
address parity error is detected.
12
Final
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com